Electronic Components Datasheet Search
  English  ▼

X  

IMX51 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # IMX51
Description  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX51 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button IMX51 Datasheet HTML 7Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 8Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 9Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 10Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 11Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 12Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 13Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 14Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 184 page
background image
Features
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1
Freescale Semiconductor
11
Preliminary—Subject to Change Without Notice
UART-1
UART-2
UART-3
UART
Interface
Connectivity
Peripherals
Each of the UART modules supports the following serial data transmit/receive
protocols and configurations:
• 7 or 8 bit data words, 1 or 2 stop bits, programmable parity (even, odd, or
none)
• Programmable baud rates up to 4 MHz. This is a higher max baud rate relative
to the 1.875 MHz, which is stated by the TIA/EIA-232-F standard and previous
Freescale UART modules.
• 32-byte FIFO on Tx and 32 half-word FIFO on Rx supporting auto-baud
• IrDA 1.0 support (up to SIR speed of 115200 bps)
• Option to operate as 8-pins full UART, DCE, or DTE
USB
USB 2.0
High-Speed
OTG and 3x
Hosts
Connectivity
Peripherals
USB-OTG contains one high-speed OTG module, which is internally connected
to the on-chip HS USB PHY. There are an additional three high-speed host
modules that require external USB PHYs.
VPU
Video
Processing
Unit
Multimedia
Peripherals
A high-performing video processing unit (VPU), which covers many SD-level
video decoders and SD-level encoders as a multi-standard video codec engine
as well as several important video processing such as rotation and mirroring.
VPU Features:
• MPEG-4 decode: 720p, 30 fps, simple profile and advanced simple profile
• MPEG-4 encode: D1, 25/30 fps, simple profile
• H.263 decode: 720p, 30 fps, profile 3
• H.263 encode: D1, 25/30 fps, profile 3
• H.264 decode: 720p, 30 fps, baseline, main, and high profile
• H.264 encode: D1, 25/30 fps, baseline profile
• MPEG-2 decode: 720p, 30 fps, MP-ML
• MPEG-2 encode: D1, 25/30 fps, MP-ML (in software with partial acceleration
in hardware)
• VC-1 decode: 720p, 30 fps, simple, main, and advanced profile
• DivX decode: 720p, 30 fps versions 3, 4, and 5
• RV10 decode: 720p, 30 fps
• MJPEG decode: 32 Mpix/s
• MJPEG encode: 64 Mpix/s
WDOG-1
Watch Dog
Timer
Peripherals
The Watch Dog Timer supports two comparison points during each counting
period. Each of the comparison points is configurable to evoke an interrupt to the
ARM core, and a second point evokes an external event on the WDOG line.
WDOG-2
(TZ)
Watch Dog
(TrustZone)
Timer
Peripherals
The TrustZone Watchdog (TZ WDOG) timer module protects against TrustZone
starvation by providing a method of escaping normal mode and forcing a switch
to the TZ mode. TZ starvation is a situation where the normal OS prevents
switching to the TZ mode. This situation should be avoided, as it can
compromise the system’s security. Once the TZ WDOG module is activated, it
must be serviced by TZ software on a periodic basis. If servicing does not take
place, the timer times out. Upon a time-out, the TZ WDOG asserts a TZ mapped
interrupt that forces switching to the TZ mode. If it is still not served, the TZ
WDOG asserts a security violation signal to the CSU. The TZ WDOG module
cannot be programmed or deactivated by a normal mode SW.
XTALOSC
Crystal
Oscillator I/F
Clocking
The XTALOSC module allows connectivity to an external crystal.
Table 2. i.MX51 Digital and Analog Modules (continued)
Block
Mnemonic
Block Name
Subsystem
Brief Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com