Electronic Components Datasheet Search
  English  ▼

X  

IMX51 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # IMX51
Description  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX51 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button IMX51 Datasheet HTML 13Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 14Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 15Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 16Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 17Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 18Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 19Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 20Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 184 page
background image
Electrical Characteristics
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1
Freescale Semiconductor
17
Preliminary—Subject to Change Without Notice
NVCC_EMI
NVCC_PER5
NVCC_PER10
NVCC_PER11
NVCC_PER12
NVCC_PER13
NVCC_PER14
GPIO EMI Supply and additional digital power
supplies.
1.65
1.875 or
2.775
3.1
V
NVCC_IPUx4
NVCC_PER3
NVCC_PER8
NVCC_PER9
GPIO IPU Supply and additional digital power
supplies.
1.65
1.875 or
2.775
3.1
V
NVCC_EMI_DRAM
DDR and Fuse Read Supply
1.65
1.8
1.95
V
VDD_FUSE5
Fusebox Program Supply (Write Only)
3.0
—
3.3
V
NVCC_NANDF_x6
NVCC_PER15
NVCC_PER17
Ultra High voltage I/O (UHVIO) supplies
—
V
UHVIO_L
1.65
1.875
1.95
UHVIO_H
2.5
2.775
3.1
UHVIO_UH
3.0
3.3
3.6
NVCC_USBPHY
NVCC_OSC
USB_PHY analog supply, oscillator analog
supply7
2.25
2.5
2.75
V
TVDAC_DHVDD,
NVCC_TV_BACK,
AHVDDRGB
TVE-to-DAC level shifter supply, cable detector
supply, analog power supply to RGB channel
2.69
2.75
2.91
V
NVCC_HS4_1
NVCC_HS4_2
NVCC_HS6
NVCC_HS10
HS-GPIO additional digital power supplies
1.65
—
3.1
V
NVCC_I2C
I2C and HS-I2C I/O Supply8
1.65
1.875
1.95
V
2.7
3.0
3.3
NVCC_SRTC_
POW
SRTC Core and I/O Supply (LVIO)
1.1
1.2
1.3
V
VDDA33
USB PHY I/O analog supply
3.0
3.3
3.6
V
VBUS
See Table 6 on page 15 and Table 109
on page 137 for details. This is not a power
supply.
——
—
—
TC
Case Temperature
–20
—
85
oC
1 Voltage at the package power supply contact must be maintained between the minimum and maximum voltages. The design
must allow for supply tolerances and system voltage drops.
2 The nominal values for the supplies indicate the target setpoint for a tolerance no tighter than ± 50 mV. Use of supplies with a
tighter tolerance allows reduction of the setpoint with commensurate power savings.
3 Voltage for STOP mode – final value to be determined by characterization. Higher voltage in STOP mode reduces amount of
power savings.
Table 8. i.MX51 Operating Ranges (continued)
Symbol
Parameter
Minimum1
Nominal2
Maximum1
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com