Electronic Components Datasheet Search
  English  ▼

X  

IMX51 Datasheet(PDF) 96 Page - Freescale Semiconductor, Inc

Part # IMX51
Description  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX51 Datasheet(HTML) 96 Page - Freescale Semiconductor, Inc

Back Button IMX51 Datasheet HTML 92Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 93Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 94Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 95Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 96Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 97Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 98Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 99Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 100Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 184 page
background image
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1
96
Freescale Semiconductor
Preliminary—Subject to Change Without Notice
Electrical Characteristics
3.7.8.8
Standard Serial Interfaces
The IPU supports the following types of asynchronous serial interfaces:
1. 3-wire (with bidirectional data line).
2. 4-wire (with separate data input and output lines).
3. 5-wire type 1 (with sampling RS by the serial clock).
4. 5-wire type 2 (with sampling RS by the chip select signal).
The IPU has four independent outputs and one input. The port can be configured to provide 3, 4, or 5-wire
interfaces.
Figure 61 depicts the timing diagram of the 3-wire serial interface. The timing diagrams correspond to
active-low IPP#_CS signal and the straight polarity of the IPP_CLK signal.
For this interface, a bidirectional data line is used outside the chip. The IPU still uses separate input and
output data lines (IPP_IND_DISPB_SD_D and IPP_DO_DISPB_SD_D). The I/O mux should provide
joining the internal data lines to the bidirectional external line according to the IPP_OBE_DISPB_SD_D
signal provided by the IPU.
9Display control up for read
DISP_UP is predefined in REGISTER
10Display control down for read
DISP_DOWN is predefined in REGISTER
11Display control up for write
DISP_UP is predefined in REGISTER
12This parameter is a requirement to the display connected to the IPU
13Data read point
Note: DISP#_READ_EN—operand of DC’s MICROCDE READ command to sample incoming data
14Loop back delay Tlbd is the cumulative propagation delay of read controls and read data. It includes an IPU output delay, a
chip-level output delay, board delays, a chip-level input delay, an IPU input delay. This value is chip specific.
Tdicur
1
2
---T
DI_CLK
ceil
×
2
DISP_UP_#
×
DI_CLK_PERIOD
-----------------------------------------------
⎝⎠
⎛⎞
=
Tdicdrw
1
2
---T
DI_CLK
ceil
×
2
DISP_DOWN_#
×
DI_CLK_PERIOD
-----------------------------------------------------
⎝⎠
⎛⎞
=
Tdicuw
1
2
---T
DI_CLK
ceil
×
2
DISP_UP_#
×
DI_CLK_PERIOD
-----------------------------------------------
⎝⎠
⎛⎞
=
Tdrp
T
DI_CLK
ce il
×
DISP#_READ_EN
DI_CLK_PERIOD
-------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com