Electronic Components Datasheet Search
  English  ▼

X  

CAP1026 Datasheet(PDF) 33 Page - SMSC Corporation

Part # CAP1026
Description  6 Channel Capacitive Touch Sensor with 2 LED Drivers
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1026 Datasheet(HTML) 33 Page - SMSC Corporation

Back Button CAP1026 Datasheet HTML 29Page - SMSC Corporation CAP1026 Datasheet HTML 30Page - SMSC Corporation CAP1026 Datasheet HTML 31Page - SMSC Corporation CAP1026 Datasheet HTML 32Page - SMSC Corporation CAP1026 Datasheet HTML 33Page - SMSC Corporation CAP1026 Datasheet HTML 34Page - SMSC Corporation CAP1026 Datasheet HTML 35Page - SMSC Corporation CAP1026 Datasheet HTML 36Page - SMSC Corporation CAP1026 Datasheet HTML 37Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 70 page
background image
6 Channel Capacitive Touch Sensor with 2 LED Drivers
Datasheet
SMSC CAP1026
33
Revision 1.1 (08-05-09)
DATASHEET
2Ah
R/W
Multiple Press
Configuration
Determines the number of
simultaneous touches to flag a
multiple touch condition
80h
Page 45
2Fh
R/W
Recalibration
Configuration
Determines re-calibration timing and
sampling window
8Bh
Page 46
30h
R/W
Sensor 1 Threshold
Stores the delta count threshold to
determine a touch for Capacitive
Touch Sensor 1
40h
Page 47
31h
R/W
Sensor 2 Threshold
Stores the delta count threshold to
determine a touch for Capacitive
Touch Sensor 2
40h
Page 47
32h
R/W
Sensor 3 Threshold
Stores the delta count threshold to
determine a touch for Capacitive
Touch Sensor 3
40h
Page 47
33h
R/W
Sensor 4 Threshold
Stores the delta count threshold to
determine a touch for Capacitive
Touch Sensor 4
40h
Page 47
34h
R/W
Sensor 5 Threshold
Stores the delta count threshold to
determine a touch for Capacitive
Touch Sensor 5
40h
Page 47
35h
R/W
Sensor 6 Threshold
Stores the delta count threshold to
determine a touch for Capacitive
Touch Sensor 6
40h
Page 47
38h
R/W
Sensor Noise
Threshold 1
Stores controls for selecting the
noise threshold for sensors 1 - 4
55h
Page 48
39h
R/W
Sensor Noise
Threshold 2
Stores controls for selecting the
noise threshold for sensors 5 - 6
55h
Page 48
Standby Configuration Registers
40h
R/W
Standby Channel
Controls which sensors are enabled
while in standby
00h
Page 49
41h
R/W
Standby Configuration
Controls averaging and cycle time
while in standby
1Dh
Page 49
42h
R/W
Standby Sensitivity
Controls sensitivity settings used
while in standby
02h
Page 51
43h
R/W
Standby Threshold
Stores the touch detection threshold
for active sensors in standby
40h
Page 51
50h
R
Sensor 1 Base Count
Stores the reference count value for
sensor 1
C8h
Page 52
51h
R
Sensor 2 Base Count
Stores the reference count value for
sensor 2
C8h
Page 52
52h
R
Sensor 3 Base Count
Stores the reference count value for
sensor 3
C8h
Page 52
53h
R
Sensor 4 Base Count
Stores the reference count value for
sensor 4
C8h
Page 52
Table 5.1 Register Set in Hexadecimal Order (continued)
REGISTER
ADDRESS
R/W
REGISTER NAME
FUNCTION
DEFAULT
VALUE
PAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com