Electronic Components Datasheet Search
  English  ▼

X  

CAP1026 Datasheet(PDF) 63 Page - SMSC Corporation

Part # CAP1026
Description  6 Channel Capacitive Touch Sensor with 2 LED Drivers
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1026 Datasheet(HTML) 63 Page - SMSC Corporation

Back Button CAP1026 Datasheet HTML 59Page - SMSC Corporation CAP1026 Datasheet HTML 60Page - SMSC Corporation CAP1026 Datasheet HTML 61Page - SMSC Corporation CAP1026 Datasheet HTML 62Page - SMSC Corporation CAP1026 Datasheet HTML 63Page - SMSC Corporation CAP1026 Datasheet HTML 64Page - SMSC Corporation CAP1026 Datasheet HTML 65Page - SMSC Corporation CAP1026 Datasheet HTML 66Page - SMSC Corporation CAP1026 Datasheet HTML 67Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 70 page
background image
6 Channel Capacitive Touch Sensor with 2 LED Drivers
Datasheet
SMSC CAP1026
63
Revision 1.1 (08-05-09)
DATASHEET
5.34
LED Off Delay Register
The LED Off Delay register determines the amount of time an LED In Direct Mode remains active after
it is no longer actuated (such as after a release has been detected or the drive state has been
changed).
Bits 2 - 0 - DIR_OFF_DLY[2:0] - Determines the turn-off delay for all LEDs that are configured to
operate in Direct Mode as shown in Table 5.53.
The Direct Mode operation is determined by the combination of programmed Rise Time, Fall Time, Min
and Max Duty cycles, Off Delay, and polarity. Figure 5.5 shows the behavior for Non-Inverted polarity
while Figure 5.6 shows the behavior for inverted polarity.
0
1
0
500ms
1
1
1
750ms
10
0
1s
10
1
1.25s
11
0
1.5s
11
1
2s
Table 5.54 LED Off Delay Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
95h
R/W
LED Off Delay
Register
-
-
-
-
DIR_OFF_DLY [2:0]
00h
Figure 5.5 Direct Mode Behavior for Non-Inverted Polarity
Table 5.53 Rise / Fall Rate and Off Delay Decode (continued)
RISE_RATE/ FALL_RATE / DIR_OFF_DLY [2:0]
RISE / FALL TIME (TRISE / TFALL), OFF DELAY
(TOFF)
21
0
N orm al –
untouched
operation
RISE _R ATE
S etting (tRISE)
(100% - M ax D uty
C ycle) * B rightness
Touch
Detected
R elease
Detected
Off D elay
(tOFF_DLY)
FA LL_R A TE
S etting (tFALL)
N orm al –
untouched
operation
(100% - M in D uty C ycle) *
B rightness
LE D
B rightness



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com