Electronic Components Datasheet Search
  English  ▼

X  

CAP1026 Datasheet(PDF) 55 Page - SMSC Corporation

Part # CAP1026
Description  6 Channel Capacitive Touch Sensor with 2 LED Drivers
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1026 Datasheet(HTML) 55 Page - SMSC Corporation

Back Button CAP1026 Datasheet HTML 51Page - SMSC Corporation CAP1026 Datasheet HTML 52Page - SMSC Corporation CAP1026 Datasheet HTML 53Page - SMSC Corporation CAP1026 Datasheet HTML 54Page - SMSC Corporation CAP1026 Datasheet HTML 55Page - SMSC Corporation CAP1026 Datasheet HTML 56Page - SMSC Corporation CAP1026 Datasheet HTML 57Page - SMSC Corporation CAP1026 Datasheet HTML 58Page - SMSC Corporation CAP1026 Datasheet HTML 59Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 70 page
background image
6 Channel Capacitive Touch Sensor with 2 LED Drivers
Datasheet
SMSC CAP1026
55
Revision 1.1 (08-05-09)
DATASHEET
Note 5.3
For example: when polarity is non-inverted, if min duty cycle is 0, then the LED would be
at logic 1 (off) 0% of the time. It will be at logic 0 (on), 100% of the time (100 - min duty
cycle).
Bit 1 - LED2_DR - Determines whether LED2 output is driven high or low.
‘0’ (default) - The LED2 output is driven at the minimum duty cycle or not actuated.
‘1’ - The LED2 output is High Z or driven at the maximum duty cycle or actuated.
Bit 0 - LED1_DR - Determines whether LED1 output is driven high or low.
5.27
LED Behavior Register
The LED Behavior registers control the operation of LEDs. Each LED pin is controlled by a 2-bit field
and the behavior is determined by whether the LED is linked to a Capacitive Touch Sensor or not.
If the corresponding LED output is linked to a Capacitive Touch Sensor than the Start and Stop triggers
are used. The defined behavior will activate when the Start Trigger is met and will stop when the Stop
Trigger is met.
If the LED output is not associated with a a Capacitive Touch Sensor, then the appropriate behavior
will be enabled / disabled by the LED Output Control register. If the respective LEDx_DR bit is set to
a logic ‘1’ then this will be associated as a “touch” and if the LEDx_DR bit is set to a logic ‘0’ then this
will be associated as a “release”.
The LED Polarity Control register will determine the non actuated state of the LED outputs. If the LED
Polarity Control register is set to be inverted (default), then an non actuated LED pin will be driven to
a logic ‘1’ state and the LED will be off. If the LED Polarity Control register is set to be non-inverted,
then the non actuated LED pin will be driven to the logic ’0’ state and the LED will be on.
Table 5.41 LED Polarity Behavior
LED
OUTPUT
CONTROL
REGISTER
POLARITY
MAX DUTY
MIN DUTY
LED
BEHAVIORS
BRIGHTNESS
LED
APPEARANCE
0
inverted
maximum % of
time that the LED
is on (logic 0)
minimum % of
time that the LED
is on (logic 0)
off
maximum brightness at
minimum duty cycle
on at minimum
duty cycle
1
inverted
maximum % of
time that the LED
is on (logic 0)
minimum % of
time that the LED
is on (logic 0)
on
maximum brightness at
max duty cycle. Brightness
ramps from min to max
according to
LED behavior
0
non-
inverted
maximum % of
time that the LED
is off (logic 1)
minimum % of
time that the LED
is off (logic 1)
off
maximum brightness at 100
- min duty cycle
on at 100 - min
duty cycle
(Note 5.3)
1
non-
inverted
maximum % of
time that the LED
is off (logic 1)
minimum % of
time that the LED
is off (logic 1)
on
maximum brightness at 100
- min duty cycle. Brightness
ramps from max to min
according to
LED behavior
Table 5.42 LED Behavior Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
81h
R/W
LED Behavior
-
-
-
-
LED2_CTL[1:0]
LED1_CTL[1:0]
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com