Electronic Components Datasheet Search
  English  ▼

X  

CAP1026 Datasheet(PDF) 45 Page - SMSC Corporation

Part # CAP1026
Description  6 Channel Capacitive Touch Sensor with 2 LED Drivers
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1026 Datasheet(HTML) 45 Page - SMSC Corporation

Back Button CAP1026 Datasheet HTML 41Page - SMSC Corporation CAP1026 Datasheet HTML 42Page - SMSC Corporation CAP1026 Datasheet HTML 43Page - SMSC Corporation CAP1026 Datasheet HTML 44Page - SMSC Corporation CAP1026 Datasheet HTML 45Page - SMSC Corporation CAP1026 Datasheet HTML 46Page - SMSC Corporation CAP1026 Datasheet HTML 47Page - SMSC Corporation CAP1026 Datasheet HTML 48Page - SMSC Corporation CAP1026 Datasheet HTML 49Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 70 page
background image
6 Channel Capacitive Touch Sensor with 2 LED Drivers
Datasheet
SMSC CAP1026
45
Revision 1.1 (08-05-09)
DATASHEET
Bit 2 - CS3_INT_EN - Enables the interrupt pin to be asserted if a touch is detected on CS3
(associated with the CS3 status bit).
Bit 1 - CS2_INT_EN - Enables the interrupt pin to be asserted if a touch is detected on CS2
(associated with the CS2 status bit).
Bit 0 - CS1_INT_EN - Enables the interrupt pin to be asserted if a touch is detected on CS1
(associated with the CS1 status bit).
5.13
Repeat Rate Enable Register
The Repeat Rate Enable register determines the interrupt behavior of the buttons as described in
Section 4.6.1.
Bit 5 - CS6_RPT_EN - Enables the repeat rate for Capacitive Touch Sensor 6.
‘0’ - The repeat rate for CS6 is disabled. It will only generate an interrupt when a touch is detected
and when a release is detected no matter how long the touch is held for.
‘1’ (default) - The repeat rate for CS6 is enabled. In the case of a “touch” event, it will generate an
interrupt when a touch is detected and a release is detected. In the case of a “press and hold”
event, it will generate an interrupt when a touch is detected and at the repeat rate so long as the
touch is held. It will not generate an interrupt when a release is detected.
Bit 4 - CS5_RPT_EN - Enables the repeat rate for Capacitive Touch Sensor 5.
Bit 3 - CS4_RPT_EN - Enables the repeat rate for Capacitive Touch Sensor 4.
Bit 2 - CS3_RPT_EN - Enables the repeat rate for Capacitive Touch Sensor 3.
Bit 1 - CS2_RPT_EN - Enables the repeat rate for Capacitive Touch Sensor 2.
Bit 0 - CS1_RPT_EN - Enables the repeat rate for Capacitive Touch Sensor 1.
5.14
Multiple Touch Configuration Register
The Multiple Touch Configuration register controls the settings for the multiple touch detection circuitry.
These settings determine the number of simultaneous buttons that may be pressed before action is
taken.
Bit 7 - MULT_BLK_EN - Enables the multiple button blocking circuitry.
‘0’ - The multiple touch circuitry is disabled. The device will not block multiple touches.
‘1’ (default)- The multiple touch circuitry is enabled. The device will accept the number of touches
equal to programmed multiple touch threshold and block all others. It will remember which sensor
is valid and block all others until that sensor has been released.
Table 5.20 Repeat Rate Enable Register
ADDR
R/W
REGISTER
B7
B6
B5
B4B3B2B1B0
DEFAULT
28h
R/W
Repeat Rate
Enable
--
CS6_
RPT_EN
CS5_
RPT_EN
CS4_
RPT_EN
CS3_
RPT_EN
CS2_
RPT_EN
CS1_
RPT_EN
3Fh
Table 5.21 Multiple Touch Configuration
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
2Ah
R/W
Multiple Touch
Config
MULT_
BLK_EN
-
-
-
B_MULT_T[1:0]
-
-
80h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com