Electronic Components Datasheet Search
  English  ▼

X  

CAP1026 Datasheet(PDF) 59 Page - SMSC Corporation

Part # CAP1026
Description  6 Channel Capacitive Touch Sensor with 2 LED Drivers
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1026 Datasheet(HTML) 59 Page - SMSC Corporation

Back Button CAP1026 Datasheet HTML 55Page - SMSC Corporation CAP1026 Datasheet HTML 56Page - SMSC Corporation CAP1026 Datasheet HTML 57Page - SMSC Corporation CAP1026 Datasheet HTML 58Page - SMSC Corporation CAP1026 Datasheet HTML 59Page - SMSC Corporation CAP1026 Datasheet HTML 60Page - SMSC Corporation CAP1026 Datasheet HTML 61Page - SMSC Corporation CAP1026 Datasheet HTML 62Page - SMSC Corporation CAP1026 Datasheet HTML 63Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 70 page
background image
6 Channel Capacitive Touch Sensor with 2 LED Drivers
Datasheet
SMSC CAP1026
59
Revision 1.1 (08-05-09)
DATASHEET
The LED Pulse 2 Period register determines the overall period of a pulse operation as determined by
the LED_CTL registers (see Table 5.43 - setting 10b). Each LSB represents 32ms so that a setting of
14h (20d) would represent a period of 640ms. The total range is from 32ms to 4.06 seconds (see
Table 5.45).
APPLICATION NOTE: Due to constraints on the LED Drive PWM operation, any Breathe Period less than 160ms
(05h) may not be achievable. The device will breathe at the minimum period possible as
determined by the period and min / max duty cycle settings.
The Pulse 2 Behavior is shown in Figure 5.3 for non-inverted polarity and in Figure 5.4 for inverted
polarity.
5.30
LED Breathe Period Register
Figure 5.3 Pulse 2 Behavior with Non-Inverted Polarity
Figure 5.4 Pulse 2 Behavior with Inverted Polarity
Table 5.47 LED Breathe Period Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
86h
R/W
LED Breathe
Period
-
BR_
PER6
BR_
PER5
BR_
PER4
BR_
PER3
BR_
PER2
BR_
PER1
BR_
PER0
5Dh
. . .
Normal – untouched
operation
Normal – untouched
operation
Touch Detected
(100% - Pulse 2 Min Duty Cycle) *
Brightness
(100% - Pulse 2 Max Duty Cycle) * Brightness
X additional pulses after release
Release Detected
Breathe
and Pulse
Period
(P2_PER)
LED
Brightness
Normal – untouched
operation
Normal – untouched
operation
Touch Detected
Pulse 2 Max Duty Cycle * Brightness
Pulse 2 Min Duty Cycle * Brightness
X additional pulses after release
Release Detected
Breathe
and Pulse
Period
LED
Brightness
. . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com