Electronic Components Datasheet Search
  English  ▼

X  

CAP1026 Datasheet(PDF) 56 Page - SMSC Corporation

Part # CAP1026
Description  6 Channel Capacitive Touch Sensor with 2 LED Drivers
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1026 Datasheet(HTML) 56 Page - SMSC Corporation

Back Button CAP1026 Datasheet HTML 52Page - SMSC Corporation CAP1026 Datasheet HTML 53Page - SMSC Corporation CAP1026 Datasheet HTML 54Page - SMSC Corporation CAP1026 Datasheet HTML 55Page - SMSC Corporation CAP1026 Datasheet HTML 56Page - SMSC Corporation CAP1026 Datasheet HTML 57Page - SMSC Corporation CAP1026 Datasheet HTML 58Page - SMSC Corporation CAP1026 Datasheet HTML 59Page - SMSC Corporation CAP1026 Datasheet HTML 60Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 70 page
background image
6 Channel Capacitive Touch Sensor with 2 LED Drivers
Datasheet
Revision 1.1 (08-05-09)
56
SMSC CAP1026
DATASHEET
APPLICATION NOTE: If an LED is not linked to a Capacitive Touch Sensor and is breathing (via the Breathe or
Pulse behaviors), it will finish its current “breath” before any changes to behavior are
processed.
APPLICATION NOTE: If an LED is not linked to the Capacitive Touch Sensor and configured to operate using Pulse
1 Behavior, then the circuitry will only be actuated when the corresponding bit is set. It will
not check the bit condition until the Pulse 1 behavior is finished. The device will not
remember if the bit was cleared and reset while it was actuated.
APPLICATION NOTE: If an LED is actuated and it is switched from linked to a Capacitive Touch Sensor to unlinked
(or vice versa), then the LED will respond to the new command source immediately. For
example, if a linked LED was actuated by a touch and the control is changed so that it is
unlinked, it will check the status of the corresponding LED Output Control bit. If that bit is ‘0’,
then the LED will behave as if a release was detected. LIkewise, if an unlinked LED was
actuated by the LED Output Control register and the control is changed so that it is linked
and no touch is detected, then the LED will behave as if a release was detected.
APPLICATION NOTE: If the period for any breathe operation is changed while the LED is actuated, then the LED
output will be reset to 0% drive and any breathing will re-initiate at the new settings. For
Pulse 1 and Pulse 2 behaviors, the number of pulses will be retained.
Bits 3 - 2 - LED2_CTL[1:0] - Determines the behavior of LED2 as shown in Table 5.43.
Bits 1 - 0 - LED1_CTL[1:0] - Determines the behavior of LED1 as shown in Table 5.43.
APPLICATION NOTE: The PWM frequency is determined based on the selected LED behavior, the programmed
breathe period, and the programmed min and max duty cycles. For the Direct Mode, the
Table 5.43 LEDx_CTL Bit Decode
LEDX_CTL
[1:0]
OPERATION
DESCRIPTION
START
TRIGGER
STOP
TRIGGER
10
0
0
Direct
The LED is driven to the programmed state
(active or inactive). See Figure 5.5
Touch Detected
or LED Control
bit set
Release
Detected or
LED Control
bit cleared
01
Pulse 1
The LED will “Pulse” a programmed
number of times. During each “Pulse” the
LED will breathe up to the maximum
brightness and back down to the minimum
brightness so that the total “Pulse” period
matches the programmed value.
Touch or
Release
Detected (See
Section 5.31) or
LED Control bit
set
n/a
1
0
Pulse 2
The LED will Breathe when the start trigger
is detected. When the stop trigger is
detected, it will “Pulse” a number of times
then return to its minimum brightness.
Touch Detected
or LED Control
bit set
Release
Detected or
LED Control
bit cleared
1
1
Breathe
The LED will breathe. It will be driven with
a duty cycle that ramps up from the
programmed minimum duty cycle (default
0%) to the programmed maximum duty
cycle duty cycle (default 100%) and then
back down. Each ramp takes up 50% of the
programmed period. The total period of
each “breath” is determined by the LED
Breathe Period controls - see Section 5.30.
Touch Detected
or LED Control
bit set
Release
Detected or
LED Control
bit cleared



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com