Electronic Components Datasheet Search
  English  ▼

X  

CAP1026 Datasheet(PDF) 37 Page - SMSC Corporation

Part # CAP1026
Description  6 Channel Capacitive Touch Sensor with 2 LED Drivers
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1026 Datasheet(HTML) 37 Page - SMSC Corporation

Back Button CAP1026 Datasheet HTML 33Page - SMSC Corporation CAP1026 Datasheet HTML 34Page - SMSC Corporation CAP1026 Datasheet HTML 35Page - SMSC Corporation CAP1026 Datasheet HTML 36Page - SMSC Corporation CAP1026 Datasheet HTML 37Page - SMSC Corporation CAP1026 Datasheet HTML 38Page - SMSC Corporation CAP1026 Datasheet HTML 39Page - SMSC Corporation CAP1026 Datasheet HTML 40Page - SMSC Corporation CAP1026 Datasheet HTML 41Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 70 page
background image
6 Channel Capacitive Touch Sensor with 2 LED Drivers
Datasheet
SMSC CAP1026
37
Revision 1.1 (08-05-09)
DATASHEET
The Sensor Delta Count registers store the delta count that is compared against the threshold used to
determine if a touch has been detected. The count value represents a change in input due to the
capacitor associated with a touch on one of the sensors and is referenced to a calibrated base “Not
touched” count value. The delta is an instantaneous change and is updated once per sensor per
sensing cycle (see Section 4.5.1 - sensor cycle).
The value presented is a standard 2’s complement number. In addition, the value is capped at a value
of 7Fh. A reading of 7Fh indicates that the sensitivity settings are too high and should be adjusted
accordingly (see Section 5.5).
The value is also capped at a negative value of FFh for negative delta counts which may result upon
a release.
5.5
Sensitivity Control Register
The Sensitivity Control register controls the sensitivity of a touch detection.
Bits 6- 4 DELTA_SENSE[2:0] - Controls the sensitivity of a touch detection. The sensitivity settings act
to scale the relative delta count value higher or lower based on the system parameters. A setting of
000b is the most sensitive while a setting of 111b is the least sensitive. At the more sensitive settings,
touches are detected for a smaller delta C corresponding to a “lighter” touch. These settings are more
sensitive to noise however and a noisy environment may flag more false touches than higher sensitivity
levels.
APPLICATION NOTE: A value of 128x is the most sensitive setting available. At the most sensitivity settings, the
MSB of the Delta Count register represents 64 out of ~25,000 which corresponds to a touch
of approximately 0.25% of the base capacitance (or a
ΔC of 25fF from a 10pF base
capacitance). Conversely a value of 1x is the least sensitive setting available. At these
settings, the MSB of the Delta Count register corresponds to a delta count of 8192 counts
out of ~25,000 which corresponds to a touch of approximately 33% of the base capacitance
(or a
ΔC of 3.33pF from a 10pF base capacitance).
11h
R
Sensor 2 Delta
Count
Sign
64
32
16
8
4
2
1
00h
12h
R
Sensor 3 Delta
Count
Sign
64
32
16
8
4
2
1
00h
13h
R
Sensor 4 Delta
Count
Sign
64
32
16
8
4
2
1
00h
14h
R
Sensor 5 Delta
Count
Sign
64
32
16
8
4
2
1
00h
15h
R
Sensor 6 Delta
Count
Sign
64
32
16
8
4
2
1
00h
Table 5.6 Sensitivity Control Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
1Fh
R/W
Sensitivity Control
-
DELTA_SENSE[2:0]
BASE_SHIFT[3:0]
2Fh
Table 5.5 Sensor Delta Count Registers (continued)
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com