Electronic Components Datasheet Search
  English  ▼

X  

CAP1026 Datasheet(PDF) 64 Page - SMSC Corporation

Part # CAP1026
Description  6 Channel Capacitive Touch Sensor with 2 LED Drivers
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1026 Datasheet(HTML) 64 Page - SMSC Corporation

Back Button CAP1026 Datasheet HTML 60Page - SMSC Corporation CAP1026 Datasheet HTML 61Page - SMSC Corporation CAP1026 Datasheet HTML 62Page - SMSC Corporation CAP1026 Datasheet HTML 63Page - SMSC Corporation CAP1026 Datasheet HTML 64Page - SMSC Corporation CAP1026 Datasheet HTML 65Page - SMSC Corporation CAP1026 Datasheet HTML 66Page - SMSC Corporation CAP1026 Datasheet HTML 67Page - SMSC Corporation CAP1026 Datasheet HTML 68Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 70 page
background image
6 Channel Capacitive Touch Sensor with 2 LED Drivers
Datasheet
Revision 1.1 (08-05-09)
64
SMSC CAP1026
DATASHEET
5.35
Product ID Register
The Product ID register stores a unique 8-bit value that identifies the device.
5.36
Manufacturer ID Register
The Vendor ID register stores an 8-bit value that represents SMSC.
5.37
Revision Register
The Revision register stores an 8-bit value that represents the part revision.
Figure 5.6 Direct Mode Behavior for Inverted Polarity
Table 5.55 Product ID Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
FDh
R
Product ID
01000011
43h
Table 5.56 Vendor ID Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
FEh
R
Manufacturer ID
01
011101
5Dh
Table 5.57 Revision Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
FFh
R
Revision
10000001
81h
N orm al –
untouched
operation
RISE _R ATE
Setting (tRISE)
M in D uty C ycle * B rightness
Touch
Detected
R elease
Detected
O ff D elay
(tOFF_DLY)
FA LL_R A TE
Setting (tFALL)
Norm al –
untouched
operation
M ax D uty C ycle * B rightness
LE D
B rightness



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com