Electronic Components Datasheet Search
  English  ▼

X  

CAP1026 Datasheet(PDF) 69 Page - SMSC Corporation

Part # CAP1026
Description  6 Channel Capacitive Touch Sensor with 2 LED Drivers
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1026 Datasheet(HTML) 69 Page - SMSC Corporation

Back Button CAP1026 Datasheet HTML 62Page - SMSC Corporation CAP1026 Datasheet HTML 63Page - SMSC Corporation CAP1026 Datasheet HTML 64Page - SMSC Corporation CAP1026 Datasheet HTML 65Page - SMSC Corporation CAP1026 Datasheet HTML 66Page - SMSC Corporation CAP1026 Datasheet HTML 67Page - SMSC Corporation CAP1026 Datasheet HTML 68Page - SMSC Corporation CAP1026 Datasheet HTML 69Page - SMSC Corporation CAP1026 Datasheet HTML 70Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 69 / 70 page
background image
6 Channel Capacitive Touch Sensor with 2 LED Drivers
Datasheet
SMSC CAP1026
69
Revision 1.1 (08-05-09)
DATASHEET
Section 6.2, "Package
Marking"
Updated package markings per new standards
Rev. 1.0 (06-16-09)
Document title modified;
reel size added to ordering information;
updates to pinout, general description and register set.
Chapter 1, Pin Description
Pin tables modified adding SPI to “ALERT# /
BC_IRQ#” pin
Updated pin description for WAKE/SPI_MOSI pin
to identify that it can be an input during Deep
Sleep.
Note 2.3
Changed “2.5x2.5 thermal landing” to “2.1x2.1”
Table 2.1, "Absolute
Maximum Ratings"
Table and notes following table modified
Section 3.1,
"Communications"
Updated paragraph to describe proper
ADDR_COMM pin function
Table 3.1, "ADDR_COMM
Pin Decode"
“/I2C” added “SMBus” in “Protocol Used” column
Figure 3.1, "SPI Timing"
Updated figure
Section 3.7, "BC-Link
Interface"
Removed “8051” from 2nd paragraph
Chapter 4, General
Description
Second to last paragraph removed, not needed as
clarification follows
Section 4.1, "Power States"
Removed mention of LED driver outputs
Figure 4.1, "System
Diagram for CAP1026"
Updated system diagram for proper ADDR_COMM
pin usage. Changed from pull-up to VDD to pull-
down to GND
Section 4.2, "RESET Pin"
Modified to indicate all communication buses
Section 4.3,
"WAKE/SPI_MOSI Pin
Operation"
Updated text for wake pin during Deep Sleep
Section 4.4, "LED Drivers"
“Pulse 1” modified
Section 4.4, "LED Drivers"
Updated text for # of LEDs
Table 5.1, "Register Set in
Hexadecimal Order"
Updated text and register descriptions for incorrect
#’s Cap Sense channels
Rev. 0.56 (5/1/09)
General
Fixed typos and updated text as necessary.
Cleaned up system diagrams
Figure 4.1, "System
Diagram for CAP1026"
Updated figures for pin names
Section 5.5, "Sensitivity
Control Register"
Renamed bit fields
Section 5.6, "Configuration
Register"
Renamed bits 5 and 6
Table 7.1 Customer Revision History (continued)
REVISION LEVEL & DATE
SECTION/FIGURE/ENTRY
CORRECTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com