Electronic Components Datasheet Search
  English  ▼

X  

CAP1028 Datasheet(PDF) 23 Page - SMSC Corporation

Part # CAP1028
Description  8 Channel Capacitive Touch Sensor with 2 LED Drivers
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1028 Datasheet(HTML) 23 Page - SMSC Corporation

Back Button CAP1028 Datasheet HTML 19Page - SMSC Corporation CAP1028 Datasheet HTML 20Page - SMSC Corporation CAP1028 Datasheet HTML 21Page - SMSC Corporation CAP1028 Datasheet HTML 22Page - SMSC Corporation CAP1028 Datasheet HTML 23Page - SMSC Corporation CAP1028 Datasheet HTML 24Page - SMSC Corporation CAP1028 Datasheet HTML 25Page - SMSC Corporation CAP1028 Datasheet HTML 26Page - SMSC Corporation CAP1028 Datasheet HTML 27Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 71 page
background image
8 Channel Capacitive Touch Sensor with 2 LED Drivers
Datasheet
SMSC CAP1028
23
Revision 1.1 (08-05-09)
DATASHEET
3.5.4
Read Data
The Read Data protocol is used to read data from the device. During the normal mode of operation,
while the device is receiving data, the CAP1028 is simultaneously transmitting data to the host. For
the Set Address commands and the Write Data commands, this data may be invalid and it is
recommended that the Read Data command is used.
Figure 3.4 SPI Write Command - Normal Mode
Figure 3.5 SPI Read Command - Normal Mode
Master SPDOUT
SPI_MOSI
Data to Write
SPI_CS#
SPI_CLK
Write Command – 7Eh
Unknown, Invalid Data
Old Data at Current Address Pointer
SPI_MISO
Master Drives
Slave Drives
1. Data written at current
address pointer
2. Address pointer incremented
Master SPDOUT
SPI_MOSI
Master Drives
Slave Drives
SPI_CLK
First Read Command – 7Fh
SPI_CS#
Invalid, Unknown Data *
SPI_MISO
‘0’
‘1’
‘1’
‘1’
‘1’
‘1’
‘1’
‘1’
Subsequent Read
Commands – 7F
Data at Current Address Pointer
Address Pointer
Incremented **
‘0’
‘1’
‘1’
‘1’
‘1’
‘1’
‘1’
‘1’
* The first read command after any other command will return invalid data for the first
byte. Subsequent read commands will return the data at the Current Address Pointer
** The Address Pointer is incremented 8 clocks after the Read Command has been
received. Therefore continually sending Read Commands will result in each command
reporting new data. Once Read Commands have been finished, the last data byte will be
read during the next 8 clocks for any command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com