Electronic Components Datasheet Search
  English  ▼

X  

CAP1028 Datasheet(PDF) 37 Page - SMSC Corporation

Part # CAP1028
Description  8 Channel Capacitive Touch Sensor with 2 LED Drivers
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1028 Datasheet(HTML) 37 Page - SMSC Corporation

Back Button CAP1028 Datasheet HTML 33Page - SMSC Corporation CAP1028 Datasheet HTML 34Page - SMSC Corporation CAP1028 Datasheet HTML 35Page - SMSC Corporation CAP1028 Datasheet HTML 36Page - SMSC Corporation CAP1028 Datasheet HTML 37Page - SMSC Corporation CAP1028 Datasheet HTML 38Page - SMSC Corporation CAP1028 Datasheet HTML 39Page - SMSC Corporation CAP1028 Datasheet HTML 40Page - SMSC Corporation CAP1028 Datasheet HTML 41Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 71 page
background image
8 Channel Capacitive Touch Sensor with 2 LED Drivers
Datasheet
SMSC CAP1028
37
Revision 1.1 (08-05-09)
DATASHEET
5.3
Noise Flag Status Registers
The Noise Flag Status registers store status bits that are generated from the analog block if the
detected noise is above the operating region of the analog detector. These bits indicate that the most
recently received data from the sensor is invalid and should not be used for touch detection.
Furthermore, so long as the bit is set for a particular channel, no decisions are made with the data. A
touch is not detected, and a release is not detected.
These bits are not sticky and will be cleared automatically if the analog block does not report a noise
error.
5.4
Sensor Delta Count Registers
The Sensor Delta Count registers store the delta count that is compared against the threshold used to
determine if a touch has been detected. The count value represents a change in input due to the
capacitor associated with a touch on one of the sensors and is referenced to a calibrated base “Not
touched” count value. The delta is an instantaneous change and is updated once per sensor per
sensing cycle (see Section 4.5.1 - sensor cycle).
The value presented is a standard 2’s complement number. In addition, the value is capped at a value
of 7Fh. A reading of 7Fh indicates that the sensitivity settings are too high and should be adjusted
accordingly (see Section 5.5).
Table 5.4 Noise Flag Status Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
0Ah
R
Noise Flag Status
CS8_
NOISE
CS7_
NOISE
CS6_
NOISE
CS5_
NOISE
CS4_
NOISE
CS3_
NOISE
CS2_
NOISE
CS1_
NOISE
00h
Table 5.5 Sensor Delta Count Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
10h
R
Sensor 1 Delta
Count
Sign
64
32
16
8
4
2
1
00h
11h
R
Sensor 2 Delta
Count
Sign
64
32
16
8
4
2
1
00h
12h
R
Sensor 3 Delta
Count
Sign
64
32
16
8
4
2
1
00h
13h
R
Sensor 4 Delta
Count
Sign
64
32
16
8
4
2
1
00h
14h
R
Sensor 5 Delta
Count
Sign
64
32
16
8
4
2
1
00h
15h
R
Sensor 6 Delta
Count
Sign
64
32
16
8
4
2
1
00h
16h
R
Sensor 7 Delta
Count
Sign
64
32
16
8
4
2
1
00h
17h
R
Sensor 8 Delta
Count
Sign
64
32
16
8
4
2
1
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com