Electronic Components Datasheet Search
  English  ▼

X  

CAP1028 Datasheet(PDF) 56 Page - SMSC Corporation

Part # CAP1028
Description  8 Channel Capacitive Touch Sensor with 2 LED Drivers
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1028 Datasheet(HTML) 56 Page - SMSC Corporation

Back Button CAP1028 Datasheet HTML 52Page - SMSC Corporation CAP1028 Datasheet HTML 53Page - SMSC Corporation CAP1028 Datasheet HTML 54Page - SMSC Corporation CAP1028 Datasheet HTML 55Page - SMSC Corporation CAP1028 Datasheet HTML 56Page - SMSC Corporation CAP1028 Datasheet HTML 57Page - SMSC Corporation CAP1028 Datasheet HTML 58Page - SMSC Corporation CAP1028 Datasheet HTML 59Page - SMSC Corporation CAP1028 Datasheet HTML 60Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 71 page
background image
8 Channel Capacitive Touch Sensor with 2 LED Drivers
Datasheet
Revision 1.1 (08-05-09)
56
SMSC CAP1028
DATASHEET
‘0’ (default) - The LED2 output is driven at the minimum duty cycle or not actuated.
‘1’ - The LED2 output is High Z or driven at the maximum duty cycle or actuated.
Bit 0 - LED1_DR - Determines whether LED1 output is driven high or low.
5.27
LED Behavior Registers
The LED Behavior registers control the operation of LEDs. Each LED pin is controlled by a 2-bit field
and the behavior is determined by whether the LED is linked to a Capacitive Touch Sensor or not.
If the corresponding LED output is linked to a Capacitive Touch Sensor than the Start and Stop triggers
are used. The defined behavior will activate when the Start Trigger is met and will stop when the Stop
Trigger is met.
If the LED output is not associated with a a Capacitive Touch Sensor, then the appropriate behavior
will be enabled / disabled by the LED Output Control register. If the respective LEDx_DR bit is set to
a logic ‘1’ then this will be associated as a “touch” and if the LEDx_DR bit is set to a logic ‘0’ then this
will be associated as a “release”.
The LED Polarity Control register will determine the non actuated state of the LED outputs. If the LED
Polarity Control register is set to be inverted (default), then an non actuated LED pin will be driven to
a logic ‘1’ state and the LED will be off. If the LED Polarity Control register is set to be non-inverted,
then the non actuated LED pin will be driven to the logic ’0’ state and the LED will be on.
APPLICATION NOTE: If an LED is not linked to a Capacitive Touch Sensor and is breathing (via the Breathe or
Pulse behaviors), it will finish its current “breath” before any changes to behavior are
processed.
APPLICATION NOTE: If an LED is not linked to the Capacitive Touch Sensor and configured to operate using Pulse
1 Behavior, then the circuitry will only be actuated when the corresponding bit is set. It will
not check the bit condition until the Pulse 1 behavior is finished. The device will not
remember if the bit was cleared and reset while it was actuated.
APPLICATION NOTE: If an LED is actuated and it is switched from linked to a Capacitive Touch Sensor to unlinked
(or vice versa), then the LED will respond to the new command source immediately. For
example, if a linked LED was actuated by a touch and the control is changed so that it is
unlinked, it will check the status of the corresponding LED Output Control bit. If that bit is ‘0’,
then the LED will behave as if a release was detected. LIkewise, if an unlinked LED was
actuated by the LED Output Control register and the control is changed so that it is linked
and no touch is detected, then the LED will behave as if a release was detected.
APPLICATION NOTE: If the period for any breathe operation is changed while the LED is actuated, then the LED
output will be reset to 0% drive and any breathing will re-initiate at the new settings. For
Pulse 1 and Pulse 2 behaviors, the number of pulses will be retained.
Bits 3 - 2 - LED2_CTL[1:0] - Determines the behavior of LED2 as shown in Table 5.43.
Bits 1 - 0 - LED1_CTL[1:0] - Determines the behavior of LED1 as shown in Table 5.43.
Table 5.42 LED Behavior Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
81h
R/W
LED Behavior
-
-
-
-
LED2_CTL[1:0]
LED1_CTL[1:0]
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com