Electronic Components Datasheet Search
  English  ▼

X  

CAP1028 Datasheet(PDF) 9 Page - SMSC Corporation

Part # CAP1028
Description  8 Channel Capacitive Touch Sensor with 2 LED Drivers
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1028 Datasheet(HTML) 9 Page - SMSC Corporation

Back Button CAP1028 Datasheet HTML 5Page - SMSC Corporation CAP1028 Datasheet HTML 6Page - SMSC Corporation CAP1028 Datasheet HTML 7Page - SMSC Corporation CAP1028 Datasheet HTML 8Page - SMSC Corporation CAP1028 Datasheet HTML 9Page - SMSC Corporation CAP1028 Datasheet HTML 10Page - SMSC Corporation CAP1028 Datasheet HTML 11Page - SMSC Corporation CAP1028 Datasheet HTML 12Page - SMSC Corporation CAP1028 Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 71 page
background image
8 Channel Capacitive Touch Sensor with 2 LED Drivers
Datasheet
SMSC CAP1028
9
Revision 1.1 (08-05-09)
DATASHEET
The pin types are described in detail below. All pins labeled with (5V) are 5V tolerant.
3
SMDATA /
BC_DATA /
SPI_MSIO /
SPI_MISO
SMDATA - Bi-directional, open-drain SMBus data - requires
pull-up resistor
DIOD (5V)
BC_DATA - Bi-directional, open-drain BC-Link data - requires
pull-up resistor
DIO
SPI_MSIO - SPI Master-Slave-In-Out bidirectional port when
used in bi-directional mode
DIO
SPI_MISO - SPI Master-In-Slave-Out port when used in normal
mode
DO
4
SMCLK /
BC_CLK /
SPI_CLK
SMCLK - SMBus clock input - requires pull-up resistor
DI (5V)
BC_CLK - BC-Link clock input
DI (5V)
SPI_CLK - SPI clock input
DI (5V)
5
N/C
Not Internally Connected
n/a
6LED1
Open drain LED 1 driver (default)
OD (5V)
Push-pull LED 1 driver
DO
7LED2
Open drain LED 2 driver (default)
OD (5V)
Push-pull LED 2 driver
DO
8
N/C
Not Internally Connected
n/a
9
RESET
Active high soft reset for system - resets all registers to default
values. This pin contains an internal 50uA pull-down current.
DI (5V)
10
ALERT# /
BC_IRQ#
ALERT# - Active low alert / interrupt output usable for SMBus
alert or SPI interrupt
OD (5V)
BC_IRQ# - Active low interrupt / optional for BC-Link
OD (5V)
11
ADDR_COMM
Address / communications select pin - pull-down resistor
determines address / communications mechanism
AI
12
CS8
Capacitive Touch Sensor 8
AIO
13
CS7
Capacitive Touch Sensor 7
AIO
14
CS6
Capacitive Touch Sensor 6
AIO
15
CS5
Capacitive Touch Sensor 5
AIO
16
CS4
Capacitive Touch Sensor 4
AIO
17
CS3
Capacitive Touch Sensor 3
AIO
18
CS2
Capacitive Touch Sensor 2
AIO
19
CS1
Capacitive Touch Sensor 1
AIO
20
VDD
Positive Power supply
Power
Bottom Pad
GND
Ground
Power
Table 1.1 Pin Description for CAP1028 (continued)
PIN
NUMBER
PIN NAME
PIN FUNCTION
PIN TYPE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com