Electronic Components Datasheet Search
  English  ▼

X  

CAP1028 Datasheet(PDF) 28 Page - SMSC Corporation

Part # CAP1028
Description  8 Channel Capacitive Touch Sensor with 2 LED Drivers
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1028 Datasheet(HTML) 28 Page - SMSC Corporation

Back Button CAP1028 Datasheet HTML 24Page - SMSC Corporation CAP1028 Datasheet HTML 25Page - SMSC Corporation CAP1028 Datasheet HTML 26Page - SMSC Corporation CAP1028 Datasheet HTML 27Page - SMSC Corporation CAP1028 Datasheet HTML 28Page - SMSC Corporation CAP1028 Datasheet HTML 29Page - SMSC Corporation CAP1028 Datasheet HTML 30Page - SMSC Corporation CAP1028 Datasheet HTML 31Page - SMSC Corporation CAP1028 Datasheet HTML 32Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 71 page
background image
8 Channel Capacitive Touch Sensor with 2 LED Drivers
Datasheet
Revision 1.1 (08-05-09)
28
SMSC CAP1028
DATASHEET
4.1
Power States
The CAP1028 has three operating states depending on the status of the STBY and DSLEEP bits.
When the device transitions between power states, previously detected touches (for inactive channels)
are cleared and the status bits reset.
Figure 4.1 System Diagram for CAP1028
CAP1028
CS6
Embedded Controller
VDD
CS4
CS2
3.3V – 5V
CS5
CS3
CS1
CS7
CS8
ADDR_COMM
LED2
LED1
3.3V – 5V
Touch
Button
Touch
Button
Touch
Button
Touch
Button
Touch
Button
Touch
Button
Touch
Button
Touch
Button



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com