Electronic Components Datasheet Search
  English  ▼

X  

CAP1028 Datasheet(PDF) 41 Page - SMSC Corporation

Part # CAP1028
Description  8 Channel Capacitive Touch Sensor with 2 LED Drivers
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1028 Datasheet(HTML) 41 Page - SMSC Corporation

Back Button CAP1028 Datasheet HTML 37Page - SMSC Corporation CAP1028 Datasheet HTML 38Page - SMSC Corporation CAP1028 Datasheet HTML 39Page - SMSC Corporation CAP1028 Datasheet HTML 40Page - SMSC Corporation CAP1028 Datasheet HTML 41Page - SMSC Corporation CAP1028 Datasheet HTML 42Page - SMSC Corporation CAP1028 Datasheet HTML 43Page - SMSC Corporation CAP1028 Datasheet HTML 44Page - SMSC Corporation CAP1028 Datasheet HTML 45Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 71 page
background image
8 Channel Capacitive Touch Sensor with 2 LED Drivers
Datasheet
SMSC CAP1028
41
Revision 1.1 (08-05-09)
DATASHEET
The Sensor Configuration Register controls timings associated with the Capacitive Sensor channels 1
- 8.
Bits 7 - 4 - MAX_DUR[3:0] - (default 1010b) - Determines the maximum time that a sensor is allowed
to be touched until the Capacitive Touch sensor is recalibrated as shown in Table 5.12.
Bits 3 - 0 - RPT_RATE[3:0] - (default 0100b) Determines the time duration between interrupt assertions
when auto repeat is enabled. The resolution is 35ms the range is from 35ms to 560ms as shown in
Table 5.13.
Table 5.12 MAX_DUR Bit Decode
MAX_DUR[3:0]
TIME BEFORE RECALIBRATION
32
1
0
0
0
0
0
560ms
0
0
0
1
840ms
0
0
1
0
1120ms
0
0
1
1
1400ms
0
1
0
0
1680ms
0
1
0
1
2240ms
0
1
1
0
2800ms
0
1
1
1
3360ms
1
0
0
0
3920ms
1
0
0
1
4480ms
1
0
1
0
5600ms
1
0
1
1
6720ms
1
1
0
0
7840ms
1
1
0
1
8906ms
1
1
1
0
10080ms
1
1
1
1
11200ms
Table 5.13 RPT_RATE Bit Decode
RPT_RATE[3:0] OR M_PRESS[3:0]
INTERRUPT REPEAT RATE
OR M_PRESS TIME
32
1
0
00
0
0
35ms
00
0
1
70ms
0
0
1
0
105ms
0
0
1
1
140ms
0
1
0
0
175ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com