Electronic Components Datasheet Search
  English  ▼

X  

CAP1028 Datasheet(PDF) 49 Page - SMSC Corporation

Part # CAP1028
Description  8 Channel Capacitive Touch Sensor with 2 LED Drivers
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1028 Datasheet(HTML) 49 Page - SMSC Corporation

Back Button CAP1028 Datasheet HTML 45Page - SMSC Corporation CAP1028 Datasheet HTML 46Page - SMSC Corporation CAP1028 Datasheet HTML 47Page - SMSC Corporation CAP1028 Datasheet HTML 48Page - SMSC Corporation CAP1028 Datasheet HTML 49Page - SMSC Corporation CAP1028 Datasheet HTML 50Page - SMSC Corporation CAP1028 Datasheet HTML 51Page - SMSC Corporation CAP1028 Datasheet HTML 52Page - SMSC Corporation CAP1028 Datasheet HTML 53Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 71 page
background image
8 Channel Capacitive Touch Sensor with 2 LED Drivers
Datasheet
SMSC CAP1028
49
Revision 1.1 (08-05-09)
DATASHEET
5.17.1
Sensor Noise Threshold 1 Register
The Sensor Noise Threshold 1 register controls the noise threshold for Capacitive Touch Sensors 1-4.
Bits 7-6 - CS4_BN_TH[1:0] - Controls the noise threshold for Capacitive Touch Sensor 4.
Bits 5-4 - CS3_BN_TH[1:0] - Controls the noise threshold for Capacitive Touch Sensor 3.
Bits 3-2 - CS2_BN_TH[1:0] - Controls the noise threshold for Capacitive Touch Sensor 2.
Bits 1-0 - CS1_BN_TH[1:0] - Controls the noise threshold for Capacitive Touch Sensor 1.
5.17.2
Sensor Noise Threshold 2 Register
The Sensor Noise Threshold 2 register controls the noise threshold for Capacitive Touch Sensors 5 - 8.
Bits 7-6 - CS8_BN_TH[1:0] - Controls the noise threshold for Capacitive Touch Sensor 8.
Bits 5-4 - CS7_BN_TH[1:0] - Controls the noise threshold for Capacitive Touch Sensor 7.
Bits 3-2 - CS6_BN_TH[1:0] - Controls the noise threshold for Capacitive Touch Sensor 6.
Bits 1-0 - CS5_BN_TH[1:0] - Controls the noise threshold for Capacitive Touch Sensor 5.
5.18
Standby Channel Register
The Standby Channel register controls which (if any) Capacitive Touch Sensors are active during
Standby.
Bit 7 - CS8_STBY - Controls whether the CS8 channel is active in Standby.
‘0’ (default) - The CS8 channel not be sampled during Standby.
‘1’ - The CS8 channel will be sampled during Standby. It will use the Standby threshold setting, and
the standby averaging and sensitivity settings.
Bit 6 - CS7_STBY - Controls whether the CS7 channel is active in Standby.
Bit 5 - CS6_STBY - Controls whether the CS6 channel is active in Standby.
Table 5.28 CSx_BN_TH Bit Decode
CSX_BN_TH[1:0]
THRESHOLD DIVIDE SETTING
10
00
25%
0
1
37.5% (default)
10
50%
1
1
62.5%
Table 5.29 Standby Channel Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
40h
R/W
Standby
Channel
CS8_
STBY
CS7_
STBY
CS6_
STBY
CS5_
STBY
CS4_
STBY
CS3_
STBY
CS2_
STBY
CS1_
STBY
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com