Electronic Components Datasheet Search
  English  ▼

X  

CAP1028 Datasheet(PDF) 43 Page - SMSC Corporation

Part # CAP1028
Description  8 Channel Capacitive Touch Sensor with 2 LED Drivers
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1028 Datasheet(HTML) 43 Page - SMSC Corporation

Back Button CAP1028 Datasheet HTML 39Page - SMSC Corporation CAP1028 Datasheet HTML 40Page - SMSC Corporation CAP1028 Datasheet HTML 41Page - SMSC Corporation CAP1028 Datasheet HTML 42Page - SMSC Corporation CAP1028 Datasheet HTML 43Page - SMSC Corporation CAP1028 Datasheet HTML 44Page - SMSC Corporation CAP1028 Datasheet HTML 45Page - SMSC Corporation CAP1028 Datasheet HTML 46Page - SMSC Corporation CAP1028 Datasheet HTML 47Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 71 page
background image
8 Channel Capacitive Touch Sensor with 2 LED Drivers
Datasheet
SMSC CAP1028
43
Revision 1.1 (08-05-09)
DATASHEET
The Averaging and Sampling Configuration register controls the number of samples taken and the total
sensor cycle time for all active sensors while the device is functioning normally.
Bits 5 - 3 - AVG[2:0] - Determines the number of samples that are taken for all active channels during
the sensor cycle as shown in Table 5.16. All samples are taken consecutively on the same channel
before the next channel is sampled and the result is averaged over the number of samples measured
before updating the measured results.
For example, if CS1, CS2, and CS3 are sampled during the sensor cycle, and the AVG[2:0] bits are
set to take 4 samples per channel, then the full sensor cycle will be: CS1, CS1, CS1, CS1, CS2, CS2,
CS2, CS2, CS3, CS3, CS3, CS3.
Bit 2 - SAMP_TIME - Determines the time to take a single sample.
‘0’ - The sampling time is ~2.56ms.
‘1’ (default) - The sampling time is ~1.28ms.
Bits 1 - 0 - CYCLE_TIME[1:0] - Determines the overall cycle time for all measured channels during
normal operation as shown in Table 5.17. All measured channels are sampled at the beginning of the
cycle time. If additional time is remaining, then the device is placed into a lower power state for the
remaining duration of the cycle.
APPLICATION NOTE: The programmed cycle time is only maintained if the total averaging time for all samples is
less than the programmed cycle. The AVG[2:0] bits will take priority so that if more samples
Table 5.16 AVG Bit Decode
AVG[2:0]
NUMBER OF SAMPLES TAKEN
PER MEASUREMENT
21
0
00
0
1
00
1
2
01
0
4
0
1
1
8 (default)
10
0
16
10
1
32
11
0
64
1
1
1
128
Table 5.17 CYCLE_TIME Bit Decode
CYCLE_TIME[1:0]
OVERALL CYCLE TIME
10
00
35ms
0
1
70ms (default)
1
0
105ms
1
1
140ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com