Electronic Components Datasheet Search
  English  ▼

X  

CAP1028 Datasheet(PDF) 46 Page - SMSC Corporation

Part # CAP1028
Description  8 Channel Capacitive Touch Sensor with 2 LED Drivers
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1028 Datasheet(HTML) 46 Page - SMSC Corporation

Back Button CAP1028 Datasheet HTML 42Page - SMSC Corporation CAP1028 Datasheet HTML 43Page - SMSC Corporation CAP1028 Datasheet HTML 44Page - SMSC Corporation CAP1028 Datasheet HTML 45Page - SMSC Corporation CAP1028 Datasheet HTML 46Page - SMSC Corporation CAP1028 Datasheet HTML 47Page - SMSC Corporation CAP1028 Datasheet HTML 48Page - SMSC Corporation CAP1028 Datasheet HTML 49Page - SMSC Corporation CAP1028 Datasheet HTML 50Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 71 page
background image
8 Channel Capacitive Touch Sensor with 2 LED Drivers
Datasheet
Revision 1.1 (08-05-09)
46
SMSC CAP1028
DATASHEET
5.14
Multiple Touch Configuration Register
The Multiple Touch Configuration register controls the settings for the multiple touch detection circuitry.
These settings determine the number of simultaneous buttons that may be pressed before action is
taken.
Bit 7 - MULT_BLK_EN - Enables the multiple button blocking circuitry.
‘0’ - The multiple touch circuitry is disabled. The device will not block multiple touches.
‘1’ (default)- The multiple touch circuitry is enabled. The device will accept the number of touches
equal to programmed multiple touch threshold and block all others. It will remember which sensor
is valid and block all others until that sensor has been released.
Bits 3 - 2 - B_MULT_T[1:0] - Determines the number of simultaneous touches on all sensors before a
Multiple Touch Event is detected and sensors are blocked. The bit decode is given by Table 5.22.
5.15
Recalibration Configuration Register
The Recalibration Configuration register controls the automatic re-calibration routine settings as well
as advanced controls to program the Sensor Threshold register settings.
Bit 7 - BUT_LD_TH - Enables setting all Sensor Threshold registers by writing to the Sensor 1
Threshold register.
‘0’ - Each Sensor X Threshold register is updated individually.
‘1’ (default) - Writing the Sensor 1 Threshold register will automatically overwrite the Sensor
Threshold registers for all sensors (Sensor Threshold 1 through Sensor Threshold 8). The
Table 5.21 Multiple Touch Configuration
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
2Ah
R/W
Multiple Touch
Config
MULT_
BLK_EN
-
-
-
B_MULT_T[1:0]
-
-
80h
Table 5.22 B_MULT_T Bit Decode
B_MULT_T[1:0]
NUMBER OF SIMULTANEOUS TOUCHES
10
0
0
1 (default)
01
2
10
3
11
4
Table 5.23 Recalibration Configuration Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
2Fh
R/W
Recalibration
Configuration
BUT_
LD_TH
--
NEG_DELTA_
CNT[1:0]
CAL_CFG[2:0]
8Bh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com