Electronic Components Datasheet Search
  English  ▼

X  

ICS845204 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ICS845204
Description  CRYSTAL-TO-MLVDS PCI EXPRESS??CLOCK SYNTHESIZER W/SPREAD SPECTRUM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS845204 Datasheet(HTML) 3 Page - Integrated Device Technology

  ICS845204 Datasheet HTML 1Page - Integrated Device Technology ICS845204 Datasheet HTML 2Page - Integrated Device Technology ICS845204 Datasheet HTML 3Page - Integrated Device Technology ICS845204 Datasheet HTML 4Page - Integrated Device Technology ICS845204 Datasheet HTML 5Page - Integrated Device Technology ICS845204 Datasheet HTML 6Page - Integrated Device Technology ICS845204 Datasheet HTML 7Page - Integrated Device Technology ICS845204 Datasheet HTML 8Page - Integrated Device Technology ICS845204 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ICS845204
CRYSTAL-TO-MLVDS CLOCK SYNTHESIZER W/SPREAD SPECTRUM
ADVANCE INFORMATION
IDT™ / ICS™ M-LVDS CLOCK SYNTHESIZER
3
ICS845204AK SEPTEMBER 25, 2007
Function Tables
Table 3A. F_SEL[1:0] Function Table
Table 3B. SSC[1:0] Function Table
Absolute Maximum Ratings
NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
These ratings are stress specifications only. Functional operation of product at these conditions or any conditions beyond
those listed in the DC Characteristics or AC Characteristics is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect product reliability.
DC Electrical Characteristics
Table 4A. Power Supply DC Characteristics, VDD = VDDO = 3.3V ± 5%, TA = 0°C to 70°C
Inputs
Outputs
FSEL1
FSEL0
Q[0:3]/nQ[0:3]
0
0
PLL Bypass (25MHz)
0
1
100MHz (default)
1
0
125MHz
1
1
250MHz
Inputs
Spread%
SSC1
SSC0
0
0
Center ± -0.25
0
1
Down -0.5
1
0
Down -0.75
1
1
No Spread (default)
Item
Rating
Supply Voltage, VDD
4.6V
Inputs, VI
-0.5V to VDD + 0.5V
Outputs, IO
Continuos Current
Surge Current
10mA
15mA
Package Thermal Impedance,
θ
JA
42.4
°C/W (0 mps)
Storage Temperature, TSTG
-65
°C to 150°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VDD
Core Supply Voltage
3.135
3.3
3.465
V
VDDA
Analog Supply Voltage
VDD – IDDA*10Ω
3.3
VDD
V
VDDO
Output Supply Voltage
3.135
3.3
3.465
V
IDD
Power Supply Current
TBD
mA
IDDA
Analog Supply Current
TBD
mA
IDDO
Power Supply Current
TBD
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com