Electronic Components Datasheet Search
  English  ▼

X  

ICS845204 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS845204
Description  CRYSTAL-TO-MLVDS PCI EXPRESS??CLOCK SYNTHESIZER W/SPREAD SPECTRUM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS845204 Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS845204 Datasheet HTML 1Page - Integrated Device Technology ICS845204 Datasheet HTML 2Page - Integrated Device Technology ICS845204 Datasheet HTML 3Page - Integrated Device Technology ICS845204 Datasheet HTML 4Page - Integrated Device Technology ICS845204 Datasheet HTML 5Page - Integrated Device Technology ICS845204 Datasheet HTML 6Page - Integrated Device Technology ICS845204 Datasheet HTML 7Page - Integrated Device Technology ICS845204 Datasheet HTML 8Page - Integrated Device Technology ICS845204 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
ADVANCE INFORMATION
CRYSTAL-TO-MLVDS PCI EXPRESS™
CLOCK SYNTHESIZER W/SPREAD SPECTRUM
ICS845204
IDT™ / ICS™ M-LVDS CLOCK SYNTHESIZER
1
ICS845204AK SEPTEMBER 25, 2007
General Description
The ICS845204 is a 4 output PCI Express clock
synthesizer optimized to generate low jitter PCI
Express™ reference clocks with or without spread
spectrum modulation and is a member of the
HiPerClockS™ family of high performance clock
solutions from IDT. Spread type and amount can be configured via
the SSC control pins. Using a 25MHz, 18pF parallel resonant
crystal, the device will generate M-LVDS clocks at either 25MHz,
100MHz, 125MHz or 250MHz. The ICS845204 uses a low jitter
VCO that easily meets PCI Express jitter requirements and is
packaged in a 32-pin VFQFN package.
Features
• Four differential spread spectrum clock outputs
• Each output can be individually disabled by separate
output-enable inputs
• Crystal oscillator interface designed for 18pF,
25MHz parallel resonant crystal
• Supports the following output frequencies:
25MHz, 100MHz, 125MHz or 250MHz
• VCO range: 250MHz - 700MHz
• Supports SSC downspread at 0.05% and -0.75%, centerspread
at ±0.25% and no spread options
• Cycle-to-cycle jitter: 50ps (maximum) design target
• Period jitter, RMS: TBD
• Full 3.3V output supply mode
• 0°C to 70°C ambient operating temperature
• Available in both standard (RoHS 5) and lead-free (RoHS 6)
packages
The Advance Information presented herein represents a product that is developmental or prototype. The noted characteristics are design targets. Integrated
Device Technologies, Inc. (IDT) reserves the right to change any circuitry or specifications without notice.
HiPerClockS™
ICS
Phase
Detector
VCO
250-700MHz
Feedback Divider
÷20
Spread Spectrum
Control
OSC
Q0
nQ0
OE0
Q1
nQ1
Q2
nQ2
Q3
nQ3
XTAL_IN
XTAL_OUT
SSC[1:0]
FSEL[1:0]
Pullup
Pullup
Pullup
Pullup
Default = 100MHz
25MHz
Pullup:Pullup
Pulldown:Pullup
2
2
OE1
OE2
OE3
0 0
PLL Bypass
0 1
÷5
1 0
÷4
1 1
÷2
9
10 11 12 13 14 15 16
32 31 30
29 28
27 26 25
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
OE0
VDD
nQ3
Q3
VDDO
nc
FSEL0
nc
nc
nc
GND
Q2
nQ2
SSC1
nc
GND
Pin Assignment
ICS845204
32 Lead VFQFN
5mm x 5mm x 0.925mm
package body
K Package
Top View
Block Diagram


Similar Part No. - ICS845204

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS845204 RENESAS-ICS845204 Datasheet
1Mb / 14P
CRYSTAL-TO-MLVDS PCI EXPRESS™ CLOCK SYNTHESIZER W/SPREAD SPECTRUM
SEPTEMBER 25, 2007
More results

Similar Description - ICS845204

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS650-41 ICST-ICS650-41 Datasheet
174Kb / 11P
Spread Spectrum Clock Synthesizer
Revision 082305
ICS650-44 ICST-ICS650-44 Datasheet
176Kb / 10P
Spread Spectrum Clock Synthesizer
Revision 080305
ICS650-47 ICST-ICS650-47 Datasheet
171Kb / 10P
Spread Spectrum Clock Synthesizer
Revision 082305
logo
Renesas Technology Corp
ICS841202-245 RENESAS-ICS841202-245 Datasheet
335Kb / 19P
Crystal-to-HCSL Clock Synthesizer w/Spread Spectrum
MAY 20, 2016
ICS845204 RENESAS-ICS845204 Datasheet
1Mb / 14P
CRYSTAL-TO-MLVDS PCI EXPRESS™ CLOCK SYNTHESIZER W/SPREAD SPECTRUM
SEPTEMBER 25, 2007
IDT5P50901 RENESAS-IDT5P50901 Datasheet
335Kb / 12P
SPREAD SPECTRUM CLOCK SYNTHESIZER
REV F 082112
IDT5P50911 RENESAS-IDT5P50911 Datasheet
313Kb / 12P
SPREAD SPECTRUM CLOCK SYNTHESIZER
070214
ICS650-41 RENESAS-ICS650-41 Datasheet
436Kb / 12P
SPREAD SPECTRUM CLOCK SYNTHESIZER
REV G 102709
ICS650-44 RENESAS-ICS650-44 Datasheet
412Kb / 12P
SPREAD SPECTRUM CLOCK SYNTHESIZER
REV E 051310
ICS650-47 RENESAS-ICS650-47 Datasheet
417Kb / 12P
SPREAD SPECTRUM CLOCK SYNTHESIZER
REV B 082305
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com