Electronic Components Datasheet Search
  English  ▼

X  

ICS845204 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # ICS845204
Description  CRYSTAL-TO-MLVDS PCI EXPRESS??CLOCK SYNTHESIZER W/SPREAD SPECTRUM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS845204 Datasheet(HTML) 4 Page - Integrated Device Technology

  ICS845204 Datasheet HTML 1Page - Integrated Device Technology ICS845204 Datasheet HTML 2Page - Integrated Device Technology ICS845204 Datasheet HTML 3Page - Integrated Device Technology ICS845204 Datasheet HTML 4Page - Integrated Device Technology ICS845204 Datasheet HTML 5Page - Integrated Device Technology ICS845204 Datasheet HTML 6Page - Integrated Device Technology ICS845204 Datasheet HTML 7Page - Integrated Device Technology ICS845204 Datasheet HTML 8Page - Integrated Device Technology ICS845204 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
ICS845204
CRYSTAL-TO-MLVDS CLOCK SYNTHESIZER W/SPREAD SPECTRUM
ADVANCE INFORMATION
IDT™ / ICS™ M-LVDS CLOCK SYNTHESIZER
4
ICS845204AK SEPTEMBER 25, 2007
Table 4B. LVCMOS/LVTTL DC Characteristics, VDD = VDDO = 3.3V ± 5%, TA = 0°C to 70°C
Table 4C. M-LVDS DC Characteristics, VDD = VDDO = 3.3V ± 5%, TA = 0°C to 70°C
Table 5. Crystal Characteristics
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIH
Input High Voltage
2
VDD + 0.3
V
VIL
Input Low Voltage
-0.3
0.8
V
IIH
Input
High Current
F_SEL1
VDD = VIN = 3.465V
150
µA
SSC0, SSC1,
FSEL0, OE0:OE3
VDD = VIN = 3.465V
5
µA
IIL
Input
Low Current
F_SEL1
VDD = 3.465V, VIN = 0V
-5
µA
SSC0, SSC1,
FSEL0, OE0:OE3
VDD = 3.465V, VIN = 0V
-150
µA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VOD
Differential Output Voltage
480
650
mV
∆V
OD
VOD Magnitude Change
50
mV
VOS
Offset Voltage
0.30
2.10
V
∆V
OS
VOS Magnitude Change
50
mV
ISC
Output Short Circuit Current
43
mA
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
Mode of Oscillation
Fundamental
Frequency
25
MHz
Equivalent Series Resistance (ESR)
50
Ω
Shunt Capacitance
7pF
Drive Level
TBD
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com