Electronic Components Datasheet Search
  English  ▼

X  

ICS845204 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # ICS845204
Description  CRYSTAL-TO-MLVDS PCI EXPRESS??CLOCK SYNTHESIZER W/SPREAD SPECTRUM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS845204 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button ICS845204 Datasheet HTML 3Page - Integrated Device Technology ICS845204 Datasheet HTML 4Page - Integrated Device Technology ICS845204 Datasheet HTML 5Page - Integrated Device Technology ICS845204 Datasheet HTML 6Page - Integrated Device Technology ICS845204 Datasheet HTML 7Page - Integrated Device Technology ICS845204 Datasheet HTML 8Page - Integrated Device Technology ICS845204 Datasheet HTML 9Page - Integrated Device Technology ICS845204 Datasheet HTML 10Page - Integrated Device Technology ICS845204 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
ICS845204
CRYSTAL-TO-MLVDS CLOCK SYNTHESIZER W/SPREAD SPECTRUM
ADVANCE INFORMATION
IDT™ / ICS™ M-LVDS CLOCK SYNTHESIZER
7
ICS845204AK SEPTEMBER 25, 2007
Parameter Measurement Information, continued
Offset Voltage Setup
Differential Output Voltage Setup
Application Information
Power Supply Filtering Technique
As in any high speed analog circuitry, the power supply pins are
vulnerable to random noise. The ICS845204 provides separate
power supplies to isolate any high switching noise from the outputs
to the internal PLL. VDD, VDDA and VDDO should be individually
connected to the power supply plane through vias, and bypass
capacitors should be used for each pin. To achieve optimum jitter
performance, power supply isolation is required. Figure 1
illustrates how a 10
Ω resistor along with a 10µF and a 0.01µF
bypass capacitor should be connected to each VDDA pin.
Figure 1. Power Supply Filtering
Recommendations for Unused Input and Output Pins
Inputs:
LVCMOS Control Pins
All control pins have internal pull-ups or pull-downs; additional
resistance is not required but can be added for additional
protection. A 1k
Ω resistor can be used.
Outputs:
M-LVDS Outputs
All unused M-LVDS output pairs can be either left floating or
terminated with 100
Ω across. If they are left floating, there should
be no trace attached.
out
out
M-LVDS
DC Input
➤
VOS/∆ VOS
V
DD
➤
100
out
out
M-LVDS
DC Input
VOD/∆ VOD
V
DD
100
VDD
VDDA
3.3V
10
Ω
10µF
.01µF
.01µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com