Electronic Components Datasheet Search
  English  ▼

X  

ICS845204 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ICS845204
Description  CRYSTAL-TO-MLVDS PCI EXPRESS??CLOCK SYNTHESIZER W/SPREAD SPECTRUM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS845204 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ICS845204 Datasheet HTML 5Page - Integrated Device Technology ICS845204 Datasheet HTML 6Page - Integrated Device Technology ICS845204 Datasheet HTML 7Page - Integrated Device Technology ICS845204 Datasheet HTML 8Page - Integrated Device Technology ICS845204 Datasheet HTML 9Page - Integrated Device Technology ICS845204 Datasheet HTML 10Page - Integrated Device Technology ICS845204 Datasheet HTML 11Page - Integrated Device Technology ICS845204 Datasheet HTML 12Page - Integrated Device Technology ICS845204 Datasheet HTML 13Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
ICS845204
CRYSTAL-TO-MLVDS CLOCK SYNTHESIZER W/SPREAD SPECTRUM
ADVANCE INFORMATION
IDT™ / ICS™ M-LVDS CLOCK SYNTHESIZER
10
ICS845204AK SEPTEMBER 25, 2007
3.3V M-LVDS Driver Termination
A general M-LVDS interface is shown in Figure 5 In a 100
Ω
differential transmission line environment, M-LVDS drivers require
a matched load termination of 100
Ω across near the receiver input.
For a multiple M-LVDS outputs buffer, if only partial outputs are
used, it is recommended to terminate the unused outputs.
Figure 5. Typical M-LVDS Driver Termination
Reliability Information
Table 7. θJA vs. Air Flow Table for a 32Lead VFQFN
Transistor Count
The transistor count for ICS845204 is: 3749
3.3V
LVDS Driver
R1
100
Ω
R2
100
Ω
–
+
3.3V
50
Ω
50
Ω
100
Ω Differential Transmission Line
θ
JA vs. Air Flow
Meters per Second
01
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
42.4°C/W
37.0°C/W
33.2°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com