Electronic Components Datasheet Search
  English  ▼

X  

ICS845204 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ICS845204
Description  CRYSTAL-TO-MLVDS PCI EXPRESS??CLOCK SYNTHESIZER W/SPREAD SPECTRUM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS845204 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ICS845204 Datasheet HTML 5Page - Integrated Device Technology ICS845204 Datasheet HTML 6Page - Integrated Device Technology ICS845204 Datasheet HTML 7Page - Integrated Device Technology ICS845204 Datasheet HTML 8Page - Integrated Device Technology ICS845204 Datasheet HTML 9Page - Integrated Device Technology ICS845204 Datasheet HTML 10Page - Integrated Device Technology ICS845204 Datasheet HTML 11Page - Integrated Device Technology ICS845204 Datasheet HTML 12Page - Integrated Device Technology ICS845204 Datasheet HTML 13Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
ICS845204
CRYSTAL-TO-MLVDS CLOCK SYNTHESIZER W/SPREAD SPECTRUM
ADVANCE INFORMATION
IDT™ / ICS™ M-LVDS CLOCK SYNTHESIZER
11
ICS845204AK SEPTEMBER 25, 2007
Package Outline and Package Dimension
Package Outline - K Suffix for 32 Lead VFQFN
NOTE: The following package mechanical drawing is a generic
drawing that applies to any pin count VFQFN package. This
drawing is not intended to convey the actual pin count or pin layout
of this device. The pin count and pinout are shown on the front
page. The package dimensions are in Table 8 below.
Table 8. Package Dimensions
Reference Document: JEDEC Publication 95, MO-220
To p View
Ind exArea
D
Chamfer 4x
0.6 x 0.6 max
OPTIONAL
Anvil
Singula tion
A
0. 08
C
C
A3
A1
S eating Plan e
E2
E2
2
L
(N
-1)x e
(R ef.)
(Ref.)
N & N
Even
N
e
D2
2
D2
(Ref.)
N & N
Odd
1
2
e
2
(Ty p.)
If N & N
are Even
(N -1)x e
(Re f.)
b
Th er mal
Ba se
N
OR
JEDEC Variation: VHHD-2/-4
All Dimensions in Millimeters
Symbol
Minimum
Nominal
Maximum
N
32
A
0.80
1.00
A1
00.05
A3
0.25 Ref.
b
0.18
0.25
0.30
ND & NE
8
D & E
5.00 Basic
D2 & E2
3.0
3.3
e
0.50 Basic
L
0.30
0.40
0.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com