Electronic Components Datasheet Search
  English  ▼

X  

ICS845204 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ICS845204
Description  CRYSTAL-TO-MLVDS PCI EXPRESS??CLOCK SYNTHESIZER W/SPREAD SPECTRUM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS845204 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button ICS845204 Datasheet HTML 2Page - Integrated Device Technology ICS845204 Datasheet HTML 3Page - Integrated Device Technology ICS845204 Datasheet HTML 4Page - Integrated Device Technology ICS845204 Datasheet HTML 5Page - Integrated Device Technology ICS845204 Datasheet HTML 6Page - Integrated Device Technology ICS845204 Datasheet HTML 7Page - Integrated Device Technology ICS845204 Datasheet HTML 8Page - Integrated Device Technology ICS845204 Datasheet HTML 9Page - Integrated Device Technology ICS845204 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
ICS845204
CRYSTAL-TO-MLVDS CLOCK SYNTHESIZER W/SPREAD SPECTRUM
ADVANCE INFORMATION
IDT™ / ICS™ M-LVDS CLOCK SYNTHESIZER
6
ICS845204AK SEPTEMBER 25, 2007
Parameter Measurement Information
3.3V LVDS Output Load AC Test Circuit
Output Skew
Output Rise/Fall Time
Period Jitter
Cycle-to-Cycle Jitter
Output Duty Cycle/Pulse Width/Period
SCOPE
Qx
nQx
3.3V±5%
POWER SUPPLY
+–
Float GND
M-LVDS
-
VDD,
VDDO
VDDA
tsk(o)
Qx
nQx
nQy
Qy
Clock
Outputs
20%
80%
80%
20%
tR
t F
VOD
-
VOH
VREF
VOL
Mean Period
(First edge after trigger)
Reference Point
(Trigger Edge)
1
σ contains 68.26% of all measurements
2
σ contains 95.4% of all measurements
3
σ contains 99.73% of all measurements
4
σ contains 99.99366% of all measurements
6
σ contains (100-1.973x10-7)% of all measurements
Histogram
➤
➤
tcycle n
tcycle n+1
tjit(cc) = tcycle n – tcycle n+1
1000 Cycles
nQx
Qx
t
PW
t
PERIOD
t
PW
t
PERIOD
odc =
x 100%
nQ0:nQ3
Q0:Q3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com