Electronic Components Datasheet Search
  English  ▼

X  

ICS845204 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ICS845204
Description  CRYSTAL-TO-MLVDS PCI EXPRESS??CLOCK SYNTHESIZER W/SPREAD SPECTRUM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS845204 Datasheet(HTML) 5 Page - Integrated Device Technology

  ICS845204 Datasheet HTML 1Page - Integrated Device Technology ICS845204 Datasheet HTML 2Page - Integrated Device Technology ICS845204 Datasheet HTML 3Page - Integrated Device Technology ICS845204 Datasheet HTML 4Page - Integrated Device Technology ICS845204 Datasheet HTML 5Page - Integrated Device Technology ICS845204 Datasheet HTML 6Page - Integrated Device Technology ICS845204 Datasheet HTML 7Page - Integrated Device Technology ICS845204 Datasheet HTML 8Page - Integrated Device Technology ICS845204 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
ICS845204
CRYSTAL-TO-MLVDS CLOCK SYNTHESIZER W/SPREAD SPECTRUM
ADVANCE INFORMATION
IDT™ / ICS™ M-LVDS CLOCK SYNTHESIZER
5
ICS845204AK SEPTEMBER 25, 2007
AC Electrical Characteristics
Table 6. AC Characteristics, VDD = VDDO = 3.3V ± 5%, TA = 0°C to 70°
NOTE 1: This parameter is defined in accordance with JEDEC Standard 65.
NOTE 2: Only valid within the VCO operating range.
NOTE 3: Defined as skew between outputs at the same supply voltage and with equal load conditions.
Measured at the output differential cross points.
NOTE 4: Spread Spectrum clocking enabled.
Parameter
Symbol
Test Conditions
Minimum
Typical
Maximum
Units
fOUT
Output Frequency
25
MHz
100
MHz
125
MHz
tjit(per)
Period Jitter, Random
25MHz,
Integration Range: 12kHz – 20MHz
TBD
ps
100MHz,
Integration Range: 12kHz – 20MHz
TBD
ps
125MHz,
Integration Range: 12kHz – 20MHz
TBD
ps
250MHz,
Integration Range: 12kHz – 20MHz
TBD
ps
tjit(cc)
Cycle-to-Cycle Jitter;
NOTE 1, 2
25MHz
50
ps
100MHz
50
ps
125MHz
50
ps
250MHz
50
ps
tsk(o)
Output Skew; NOTE 2, 3
TBD
ps
FXTAL
Crystal Input Range: NOTE 1
25
MHz
FM
SSC Modulation Frequency;
NOTE 4
TBD
kHz
FMF
SSC Modulation Factor;
NOTE 4
TBD
%
SSCRED
Spectral Reduction
TBD
dB
tSTABLE
Power-up Stable Clock
Output
10
ms
tR / tF
Output Rise/Fall Time
20% to 80%
TBD
ps
odc
Output Duty Cycle
50
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com