Electronic Components Datasheet Search
  English  ▼

X  

ST7033 Datasheet(PDF) 33 Page - Sitronix Technology Co., Ltd.

Part # ST7033
Description  4 x 96 Dot Matrix LCD Controller/Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7033 Datasheet(HTML) 33 Page - Sitronix Technology Co., Ltd.

Back Button ST7033 Datasheet HTML 29Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 30Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 31Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 32Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 33Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 34Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 37Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
ST7033
Ver 1.1
33/39
2009/07/17
14. RESET TIMING
Internal
status
tRW
tR
During reset
Reset complete
/RESB
tRJ
Figure 15. Reset Timing Characteristics
(VDD1 = 3.3V , Ta = 25°C )
Rating
Item
Signal Symbol
Condition
Min.
Typ.
Max.
Units
Reset time
/RESB tR
20
—
—
us
Reset “L” pulse width
/RESB tRW
2
—
—
us
Reset rejection (for noise spike)
/RESB tRJ
—
—
1
us
(VDD1 = 2.8V , Ta =25°C )
Rating
Item
Signal Symbol
Condition
Min.
Typ.
Max.
Units
Reset time
/RESB tR
20
—
—
us
Reset “L” pulse width
/RESB tRW
2
—
—
us
Reset rejection (for noise spike)
/RESB tRJ
—
—
1
us
(VDD1 =1.8V , Ta = 25°C )
Rating
Item
Signal Symbol
Condition
Min.
Typ.
Max.
Units
Reset time
/RESB tR
30
—
—
us
Reset “L” pulse width
/RESB tRW
3
—
—
us
Reset rejection (for noise spike)
/RESB tRJ
—
—
1
us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com