Electronic Components Datasheet Search
  English  ▼

X  

ST7033 Datasheet(PDF) 1 Page - Sitronix Technology Co., Ltd.

Part # ST7033
Description  4 x 96 Dot Matrix LCD Controller/Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7033 Datasheet(HTML) 1 Page - Sitronix Technology Co., Ltd.

  ST7033 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
ST
Sitronix
ST7033
4 x 96 Dot Matrix LCD Controller/Driver
Ver 1.1
1/39
2009/07/17
1. INTRODUCTION
The ST7033 is a driver & controller LSI for graphic dot-matrix liquid crystal display systems. It contains 96 segment and 4
common driver circuits. This chip is connected directly to a microprocessor, accepts 3-line serial peripheral interface (SPI),
display data can stores in an on-chip display data RAM of 4 x 96 bits. It performs display data RAM read/write operation
with no external operating clock to minimize power consumption. In addition, because it contains power supply circuits to
drive liquid crystal, it is possible to make a display system with the fewest components.
2. FEATURES
Single-chip LCD controller & driver
Driver Output Circuits
4 common outputs / 96 segment. Output
96 segment drivers : up to forty-eight 8-segment
numeric characters; up to twenty-five 15-segment
alphanumeric characters; or any graphics of up to
384 elements
On-chip Display Data Ram
Capacity: 4X96=384bits
Microprocessor Interface
Parallel MPU interface: 8-bit parallel 6800-series or
8080-series
Serial MPU interface: 4-line and 3-line SPI (serial
peripheral interfaces) are available.
On-chip Low Power Analog Circuit
Built-in Booster (x4 or x5) circuit generates LCD
supply voltage (external V0/XV0 voltage supply is
also supported).
Built-in high-accuracy Regulator.
Built-in voltage follower generates LCD bias voltages
Built-in Oscillator requires no external components
(external clock is also supported)
External RESB (reset) pin
Logic supply voltage range
VDD1-VSS: 1.65V~3.4V
VDD2-VSS: 2.5V~3.4V
Display supply voltage 4.0V
Temperature range: -30 to +80 degree


Similar Part No. - ST7033

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
ST7033FNL PULSE-ST7033FNL Datasheet
355Kb / 3P
MDL,SIN,10D,1:1,SM,TU
ST7033QNL PULSE-ST7033QNL Datasheet
120Kb / 1P
MDL,SIN,10D,1:1,SM,TU
More results

Similar Description - ST7033

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9041 OKI-ML9041 Datasheet
537Kb / 55P
DOT MATRIX LCD CONTROLLER DRIVER
logo
Epson Company
SED1530 EPSON-SED1530 Datasheet
176Kb / 13P
DOT MATRIX LCD CONTROLLER DRIVER
SED1200F EPSON-SED1200F Datasheet
149Kb / 6P
Dot Matrix LCD Controller Driver
logo
List of Unclassifed Man...
ST7036 ETC-ST7036 Datasheet
864Kb / 72P
Dot Matrix LCD Controller/Driver
logo
OKI electronic componet...
ML9041A OKI-ML9041A Datasheet
655Kb / 64P
DOT MATRIX LCD CONTROLLER DRIVER
logo
Sitronix Technology Co....
ST7066U SITRONIX-ST7066U Datasheet
601Kb / 42P
Dot Matrix LCD Controller/Driver
ST7522 SITRONIX-ST7522 Datasheet
633Kb / 45P
17 x 96 Dot Matrix LCD Controller/Driver
ST7533 SITRONIX-ST7533 Datasheet
582Kb / 60P
33 x 96 Dot Matrix LCD Controller/Driver
ST7038 SITRONIX-ST7038 Datasheet
1Mb / 63P
Dot Matrix LCD Controller/Driver
logo
Renesas Technology Corp
PD16435 RENESAS-PD16435_15 Datasheet
440Kb / 38P
DOT MATRIX LCD CONTROLLER/DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com