Electronic Components Datasheet Search
  English  ▼

X  

ST7033 Datasheet(PDF) 18 Page - Sitronix Technology Co., Ltd.

Part # ST7033
Description  4 x 96 Dot Matrix LCD Controller/Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7033 Datasheet(HTML) 18 Page - Sitronix Technology Co., Ltd.

Back Button ST7033 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
ST7033
Ver 1.1
18/39
2009/07/17
9-2. INSTRUCTION DESCRIPTION
Display data Write
8-bit data of Display Data from the microprocessor can be written to the RAM location specified by the column address .
The column address is increased by 1 automatically so that the microprocessor can continuously write data . During
auto-increment, the column address wraps to 0 after the last column is written.
A0
D7
D6
D5
D4
D3
D2
D1
D0
Description
1
Write data
Write to the DDRAM
Display ON/OFF
This command turns the display ON and OFF.
A0
D7
D6
D5
D4
D3
D2
D1
D0
Description
0
Display OFF
0
1
0
1
0
1
1
1
1
Display ON
Display Normal/Reverse
This command can reserve the lit and unlit without overwriting the content of the DDRAM.
A0
D7
D6
D5
D4
D3
D2
D1
D0
Description
0
LCD ON Voltage
0
1
0
1
0
0
1
1
1
LCD OFF Voltage
Display All Points ON/OFF
The command makes it possible to force all display points ON regardless of the content of the DDRAM. Even when this is
done, the DDRAM contents are maintained. This command takes priority over the Display normal/reverse command.
A0
D7
D6
D5
D4
D3
D2
D1
D0
Description
0
Normal Display Mode
0
1
0
1
0
0
1
0
1
Display All Points ON
When the Display all points ON command is executed when in the Display OFF mode, Power Save mode is entered. See
the “Power Save mode” for detail.
Page Address Set
This command specifies the start page address of the DDRAM.
A0
D7
D6
D5
D4
D3
D2
D1
D0
Description
0
1
0
1
1
0
0
0
0
Ser page address
Column Address Set
This command specifies the column address of the DDRAM. The column address is split into two sections (the upper 3-bits
and lower 4-bits) when it is set.
Each time the DDRAM is accessed, the column address automatically increments by +1, imaging it possible for the MCU to
continuously access to the display data. After the last column address (5FH), column address returns to 00H.
A0
D7
D6
D5
D4
D3
D2
D1
D0
Description
1
*
X6
X5
X4
Upper bit address
0
0
0
0
0
X3
X2
X1
X0
Lower bit address
Notes:’ * ‘Disabled bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com