Electronic Components Datasheet Search
  English  ▼

X  

ST7033 Datasheet(PDF) 9 Page - Sitronix Technology Co., Ltd.

Part # ST7033
Description  4 x 96 Dot Matrix LCD Controller/Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7033 Datasheet(HTML) 9 Page - Sitronix Technology Co., Ltd.

Back Button ST7033 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
ST7033
Ver 1.1
9/39
2009/07/17
BR
I
Test pin.
Must fix to “L”
1
Test Pin
T0~T12
---
Test pins. Do not use these pins.
13
TMX
I
Mirror X: SEG bi-direction selection (refer to pad center coordinates).
TMX connect to VSS :MX mode1(refer to segment driver direction select)
TMX connect to VDD1 :MX mode2(refer to segment driver direction select)
1
TMY
I
Mirror Y: COM bi-direction selection (refer to pad center coordinates).
TMY connect to VSS: MY mode1(refer to common driver direction select)
TMY connect to VDD1: MY mode2(refer to common driver direction select)
1
DA
I
Test pin.
Must fix to “L”
1
Recommended I/O PIN ITO Resistance Limitation
PIN Name
ITO Resister
PS[1:0],OSC,CP,BR
<5K
T0~T12,VRS
Floating
VDD1, VDD2, VSS
<100
V0, VG , VM , XV0
<500
A0,/WR,/RD,/CSB, D0 …D7
<1K
/RESB
RESB<10K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com