Electronic Components Datasheet Search
  English  ▼

X  

ST7033 Datasheet(PDF) 8 Page - Sitronix Technology Co., Ltd.

Part # ST7033
Description  4 x 96 Dot Matrix LCD Controller/Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7033 Datasheet(HTML) 8 Page - Sitronix Technology Co., Ltd.

Back Button ST7033 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
ST7033
Ver 1.1
8/39
2009/07/17
E_RD
I
Read/Write operation control pin (if using Parallel interface).
MPU Type
E_RD
Interface Mode
6800-series
E
Signals (Instruction or Data) on
data bus will be latched by MPU
or this IC (depends on R/W) at
the falling edge of this signal.
8080-series
/RD
Internal status (or display data)
will be read out to data bus after
the falling edge of this signal.
1
D0…D7
I
Data Bus. If /CSB signal is not actived, D7…D0 are high impedance.
Parallel interface (6800 or 8080):
I/O port which is connected to the standard 8-bit MPU data bus.
Serial SPI interface (3 line or 4 line):
SCLK: D0;
SDA: D1~D3;
D4~D7 must connect to VDD1.
8
LCD DRIVER SUPPLY
OSC
I
OSC=”H”: Use the built-in oscillator.
OSC=”L”: Both external clock and built-in oscillator are inhibited. And
the display circuits will not be clocked and kept in a DC state. To
avoid this, the chip should always be put into Power-Down Mode
before stopping the clock.
If using external clock, connect this pin to the external clock.
1
POWER SUPPLY
VSS
Power
Ground.
5
VDD1
Power
Digital circuits supply voltage.
The 2 power supply rails, VDD1 and VDD2, could be connected together.
Use this power to be the high voltage level for the Option pins.
4
VDD2
Power
Analog circuits supply voltage.
The 2 power supply rails, VDD and VDD2, could be connected together.
4
XV0I, XV0O, XV0S
Power
Supply
Negative LCD driver supply voltages.
XV0I, XV0O & XV0S should be separated in ITO layout.
XV0I, XV0O & XV0S should be connected together in FPC layout.
7
V0I, V0O, V0S;
VGI, VGO, VGS
Power
Supply
This is a multi-level power supply for the liquid crystal.
V0
≥ VG ≥ VM ≥ VSS ≥ XV0
V0I, V0O & V0S should be separated in ITO layout.
V0I, V0O & V0S should be connected together in FPC layout.
VGI, VGO & VGS should be separated in ITO layout.
VGI, VGO & VGS should be connected together in FPC layout.
6
VM
Power
Supply
LCD driving voltage for commons.
3
VRS
Power
Reserved to monitor internal Voltage Regulator reference level, must be left
open.
1
Configuration Pins
MODE
I
Test pin.
Must fix to “L”
1
CP
I
Set Booster stage.
VSS=4X;
VDD=5X.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com