Electronic Components Datasheet Search
  English  ▼

X  

ST7033 Datasheet(PDF) 12 Page - Sitronix Technology Co., Ltd.

Part # ST7033
Description  4 x 96 Dot Matrix LCD Controller/Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7033 Datasheet(HTML) 12 Page - Sitronix Technology Co., Ltd.

Back Button ST7033 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
ST7033
Ver 1.1
12/39
2009/07/17
DISPLAY DATA RAM (DDRAM)
The ST7033 contains a 4x96 bit static RAM that stores the display data. The display data RAM store the dot data for the
LCD.It is 4-row by 96-column addressable array. Each pixel can be selected when the column addresses are
specified.Data are written to ram directly through D0 to D3 and D4 to D7 are disabled bits. The display data from the
microprocessor correspond to the LCD common lines. The microprocessor can write to RAM through the I/O buffer. Since
the LCD controller operates independently, data can be written into RAM at the same time as data is being displayed
without causing the LCD flicker.
Line Address Circuit
This circuit assigns DDRAM a Line Address corresponding to the first line (COM0) of the display. Therefore, by setting Line
Address repeatedly.At the beginning of each LCD frame, the contents of register are copied to the line counter which is
increased by CL signal and generates the line address for transferring the 96-bit RAM data to the display data latch circuit.
Column Address Circuit
Column Address Circuit has an 8-bit preset counter that provides Column Address to the Display Data RAM. The display
data RAM column address is specified by the Column Address Set command. The specified column address is
incremented (+1) with each display data write command. This allows the MPU display data to be accessed continuously.
ADDRESSING
Data is downloaded in bytes into the RAM matrix of ST7033 as indicated in Figure 4. The display RAM has a matrix of 4 by
96 bits. The address pointer addresses the columns. The column address ranges are: 0 to 95 (1011111), .Addresses
outside these ranges are not allowed. After the last column address (95) wraps around to 0 .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com