Electronic Components Datasheet Search
  English  ▼

X  

ST7033 Datasheet(PDF) 20 Page - Sitronix Technology Co., Ltd.

Part # ST7033
Description  4 x 96 Dot Matrix LCD Controller/Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7033 Datasheet(HTML) 20 Page - Sitronix Technology Co., Ltd.

Back Button ST7033 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
ST7033
Ver 1.1
20/39
2009/07/17
Power Save Mode
If the display all points ON command is executed when the display is in display OFF mode, power saver mode is entered.
This mode stops every operation of the LCD display system.
Figure 8. Power Save Mode
The internal states in power save mode are as follows:
-The oscillator circuit is stopped
-The LCD driver circuit is stopped
-The LCD driver circuit is stopped and segment/common driver output s to VSS level
-The display data and operation mode before execution of the Power save are held, and the MCU can access to the
DDRAM and internal registers.
Reset
When this command is issued, the driver is initialized. This command doesn’t change DDRAM content.
A0
D7
D6
D5
D4
D3
D2
D1
D0
Description
0
1
1
1
0
0
0
1
0
Software reset
NOP
Non-operation command
A0
D7
D6
D5
D4
D3
D2
D1
D0
Description
0
1
1
1
0
0
0
1
1
No operation
Power save (Display OFF & Display all points ON)
Power save mode
Power save OFF (Display all points OFF)
Power save mode canceled
Command
Effect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com