Electronic Components Datasheet Search
  English  ▼

X  

ST7033 Datasheet(PDF) 7 Page - Sitronix Technology Co., Ltd.

Part # ST7033
Description  4 x 96 Dot Matrix LCD Controller/Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7033 Datasheet(HTML) 7 Page - Sitronix Technology Co., Ltd.

Back Button ST7033 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
ST7033
Ver 1.1
7/39
2009/07/17
6. PINNING DESCRIPTIONS
Pin Name
I/O
Description
Pin Count
LCD driver outputs
SEG0 to SEG95
O
LCD segment driver outputs.
The display data and the M signal control the output voltage of segment
driver.
Segment drover output voltage
Display data
Frame
Normal display
Reverse display
H
-
VG
VSS
H
+
VSS
VG
L
-
VSS
VG
L
+
VG
VSS
Power save mode
VSS
VSS
96
COM0 to COM3
O
LCD column driver outputs.
The internal scanning data and the M signal control the output voltage of
common driver.
Common drover output voltage
Display data
Frame
Normal display
Reverse display
H
-
XV0
H
+
V0
L
-
VM
L
+
VM
Power save mode
VSS
68
MICROPROCESSOR INTERFACE
PS[1,0]
I
Microprocessor interface mode selection pins.
PS1
PS0
Interface Mode
1
1
8080-series parallel MPU interface
1
0
6800-series parallel MPU interface
0
1
4-line SPI MPU interface
0
0
3-line SPI MPU interface
2
/CSB
I
Chip select input pin.
Data/instruction I/O is enabled only when /CSB is "L". When chip select is
non-active, D7…D0 are high impedance.
1
/RESB
I
Reset input pin.
When /RESB is "L", initialization is executed.
1
A0
I
It determines whether the data bits are data or a command.
A0=" H “: Indicates that D0 to D7 are display data.
A0=" L “: Indicates that D0 to D7 are control data.
There is no A0 pin in three line , so this pin can fix to ” H”
1
RW_WR
I
Read/Write operation control pin (if using Parallel interface).
MPU Type
RW_WR
Interface Mode
6800-series
R/W
R/W=”H”: Read;
R/W=”L”: Write.
8080-series
/WR
Signals (Instruction or Data) on
data bus will be latched at the
raising edge of this signal.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com