Electronic Components Datasheet Search
  English  ▼

X  

LPC1313 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # LPC1313
Description  32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1313 Datasheet(HTML) 2 Page - NXP Semiconductors

  LPC1313 Datasheet HTML 1Page - NXP Semiconductors LPC1313 Datasheet HTML 2Page - NXP Semiconductors LPC1313 Datasheet HTML 3Page - NXP Semiconductors LPC1313 Datasheet HTML 4Page - NXP Semiconductors LPC1313 Datasheet HTML 5Page - NXP Semiconductors LPC1313 Datasheet HTML 6Page - NXP Semiconductors LPC1313 Datasheet HTML 7Page - NXP Semiconductors LPC1313 Datasheet HTML 8Page - NXP Semiconductors LPC1313 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 53 page
background image
LPC1311_13_42_43_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 11 December 2009
2 of 53
NXP Semiconductors
LPC1311/13/42/43
32-bit ARM Cortex-M3 microcontroller
N Up to 42 General Purpose I/O (GPIO) pins with configurable pull-up/pull-down
resistors.
N Four general purpose timers/counters with a total of four capture inputs and 13
match outputs.
N Programmable WatchDog Timer (WDT).
N System tick timer.
I Serial Wire Debug and Serial Wire Trace port.
I High-current output driver (20 mA) on one pin.
I High-current sink drivers (20 mA) on two I2C-bus pins in Fast-mode Plus.
I Integrated PMU (Power Management Unit) to minimize power consumption during
Sleep, Deep-sleep, and Deep power-down modes.
I Three reduced power modes: Sleep, Deep-sleep, and Deep power-down.
I Single 3.3 V power supply (2.0 V to 3.6 V).
I 10-bit ADC with input multiplexing among 8 pins.
I GPIO pins can be used as edge and level sensitive interrupt sources.
I Clock output function with divider that can reflect the system oscillator clock, IRC
clock, CPU clock, or the watchdog clock.
I Processor wake-up from Deep-sleep mode via a dedicated start logic using up to 40 of
the functional pins.
I Brownout detect with four separate thresholds for interrupt and one threshold for
forced reset.
I Power-On Reset (POR).
I Crystal oscillator with an operating range of 1 MHz to 25 MHz.
I 12 MHz internal RC oscillator trimmed to 1 % accuracy that can optionally be used as
a system clock.
I PLL allows CPU operation up to the maximum CPU rate without the need for a
high-frequency crystal. May be run from the main oscillator, the internal RC oscillator,
or the watchdog oscillator.
I Code Read Protection (CRP) with different security levels.
I Available as 48-pin LQFP package and 33-pin HVQFN package.
3.
Applications
I eMetering
I Lighting
I Industrial networking
I Alarm systems
I White goods



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com