Electronic Components Datasheet Search
  English  ▼

X  

LPC1313 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # LPC1313
Description  32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1313 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button LPC1313 Datasheet HTML 7Page - NXP Semiconductors LPC1313 Datasheet HTML 8Page - NXP Semiconductors LPC1313 Datasheet HTML 9Page - NXP Semiconductors LPC1313 Datasheet HTML 10Page - NXP Semiconductors LPC1313 Datasheet HTML 11Page - NXP Semiconductors LPC1313 Datasheet HTML 12Page - NXP Semiconductors LPC1313 Datasheet HTML 13Page - NXP Semiconductors LPC1313 Datasheet HTML 14Page - NXP Semiconductors LPC1313 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
LPC1311_13_42_43_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 11 December 2009
11 of 53
NXP Semiconductors
LPC1311/13/42/43
32-bit ARM Cortex-M3 microcontroller
[1]
5 V tolerant pad providing digital I/O functions with configurable pull-up/pull-down resistors and configurable hysteresis.
[2]
I2C-bus pads compliant with the I2C-bus specification for I2C standard mode and I2C Fast-mode Plus.
[3]
5 V tolerant pad providing digital I/O functions with configurable pull-up/pull-down resistors, configurable hysteresis, and analog input.
When configured as a ADC input, digital section of the pad is disabled and the pin is not 5 V tolerant.
[4]
Pad provides USB functions. It is designed in accordance with the USB specification, revision 2.0 (Full-speed and Low-speed mode
only).
[5]
Tie together VDD(3V3) and VDD(IO) externally. If separate supplies are used for VDD(3V3) and VDD(IO), ensure that the voltage difference
between both supplies is smaller than or equal to 0.5 V.
[6]
When the system oscillator is not used, connect XTALIN and XTALOUT as follows: XTALIN can be left floating or can be grounded
(grounding is preferred to reduce susceptibility to noise). XTALOUT should be left floating.
PIO2_4
19[1]
I/O
PIO2_4 — General purpose digital input/output pin (LPC1313 only).
PIO2_5
21[1]
I/O
PIO2_5 — General purpose digital input/output pin (LPC1343 only).
PIO2_5
20[1]
I/O
PIO2_5 — General purpose digital input/output pin (LPC1313 only).
PIO2_6
1[1]
I/O
PIO2_6 — General purpose digital input/output pin.
PIO2_7
11[1]
I/O
PIO2_7 — General purpose digital input/output pin.
PIO2_8
12[1]
I/O
PIO2_8 — General purpose digital input/output pin.
PIO2_9
24[1]
I/O
PIO2_9 — General purpose digital input/output pin.
PIO2_10
25[1]
I/O
PIO2_10 — General purpose digital input/output pin.
PIO2_11/SCK
31[1]
I/O
PIO2_11 — General purpose digital input/output pin.
I/O
SCK — Serial clock for SSP.
PIO3_0
36[1]
I/O
PIO3_0 — General purpose digital input/output pin.
PIO3_1
37[1]
I/O
PIO3_1 — General purpose digital input/output pin.
PIO3_2
43[1]
I/O
PIO3_2 — General purpose digital input/output pin.
PIO3_3
48[1]
I/O
PIO3_3 — General purpose digital input/output pin.
PIO3_4
18[1]
I/O
PIO3_4 — General purpose digital input/output pin (LPC1313 only).
PIO3_5
21[1]
I/O
PIO3_5 — General purpose digital input/output pin (LPC1313 only).
USB_DM
19[4]
I/O
USB_DM — USB bidirectional D
− line (LPC1343 only).
USB_DP
20[4]
I/O
USB_DP — USB bidirectional D+ line (LPC1343 only).
VDD(IO)
8[5]
I
3.3 V input/output supply voltage.
VDD(3V3)
44[5]
I
3.3 V supply voltage to the internal regulator and the ADC. Also used as the
ADC reference voltage.
VSSIO
5
I
Ground.
XTALIN
6[6]
I
Input to the oscillator circuit and internal clock generator circuits. Input
voltage must not exceed 1.8 V.
XTALOUT
7[6]
O
Output from the oscillator amplifier.
VSS
41
I
Ground.
Table 3.
LPC1313/43 LQFP48 pin description table …continued
Symbol
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com