Electronic Components Datasheet Search
  English  ▼

X  

LPC1765 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # LPC1765
Description  32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1765 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button LPC1765 Datasheet HTML 13Page - NXP Semiconductors LPC1765 Datasheet HTML 14Page - NXP Semiconductors LPC1765 Datasheet HTML 15Page - NXP Semiconductors LPC1765 Datasheet HTML 16Page - NXP Semiconductors LPC1765 Datasheet HTML 17Page - NXP Semiconductors LPC1765 Datasheet HTML 18Page - NXP Semiconductors LPC1765 Datasheet HTML 19Page - NXP Semiconductors LPC1765 Datasheet HTML 20Page - NXP Semiconductors LPC1765 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 66 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
Fig 3.
LPC17xx memory map
0x5000 0000
0x5000 4000
0x5000 8000
0x5000 C000
0x5020 0000
0x5001 0000
AHB peripherals
Ethernet controller(2)
USB controller(3)
reserved
127- 4 reserved
GPDMA controller
0
1
2
3
APB0 peripherals
0x4000 4000
0x4000 8000
0x4000 C000
0x4001 0000
0x4001 8000
0x4002 0000
0x4002 8000
0x4002 C000
0x4003 4000
0x4003 0000
0x4003 8000
0x4003 C000
0x4004 0000
0x4004 4000
0x4004 8000
0x4004 C000
0x4005 C000
0x4006 0000
0x4008 0000
0x4002 4000
0x4001 C000
0x4001 4000
0x4000 0000
WDT
timer 0
timer 1
UART0
UART1
reserved
reserved
SPI
RTC + backup registers
GPIO interrupts
pin connect
SSP1
ADC
CAN AF RAM(3)
CAN AF registers(3)
CAN common(3)
CAN1(3)
CAN2(3)
22 - 19 reserved
I2C1
31 - 24 reserved
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
23
reserved
reserved
32 kB local SRAM (LPC1769/8/7/6/5)
16 kB local SRAM (LPC1764)
reserved
reserved
private peripheral bus
0x0000 0000
0 GB
0.5 GB
4 GB
1 GB
0x0004 0000
0x0002 0000
0x0008 0000
0x1000 4000
0x1000 0000
0x1000 8000
0x1FFF 0000
0x1FFF 2000
0x2008 0000
0x2007 C000
0x2008 4000
0x2200 0000
0x200A 0000
0x2009 C000
0x2400 0000
0x4000 0000
0x4008 0000
0x4010 0000
0x4200 0000
0x4400 0000
0x5000 0000
0x5020 0000
0xE000 0000
0xE010 0000
0xFFFF FFFF
reserved
reserved
GPIO
reserved
reserved
reserved
reserved
APB0 peripherals
AHB peripherals
APB1 peripherals
AHB SRAM bit-band alias addressing
peripheral bit-band alias addressing
16 kB AHB SRAM1 (LPC1769/8/7/6/5)
16 kB AHB SRAM0
LPC1769/68/67/66/65/64 memory space
256 kB on-chip flash (LPC1766/65)
128 kB on-chip flash (LPC1764)
512 kB on-chip flash (LPC1769/8/7)
PWM1
8 kB boot ROM
0x0000 0000
0x0000 0100
active interrupt vectors
+ 256 bytes
I-code/D-code
memory space
002aad946
(1)LPC1769/68/67/66/65 only
(2)LPC1769/68/67/66/64 only
(3)LPC1769/68/66/65/64 only
APB1 peripherals
0x4008 0000
0x4008 8000
0x4008 C000
0x4009 0000
0x4009 4000
0x4009 8000
0x4009 C000
0x400A 0000
0x400A 4000
0x400A 8000
0x400A C000
0x400B 0000
0x400B 4000
0x400B 8000
0x400B C000
0x400C 0000
0x400F C000
0x4010 0000
SSP0
DAC(1)
timer 2
timer 3
UART2
UART3
reserved
I2S(1)
I2C2
1 - 0 reserved
2
3
4
5
6
7
8
9
10
reserved
repetitive interrupt timer
11
12
reserved
motor control PWM
30 - 16 reserved
13
14
15
system control
31
QEI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com