Electronic Components Datasheet Search
  English  ▼

X  

LPC1765 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # LPC1765
Description  32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1765 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button LPC1765 Datasheet HTML 8Page - NXP Semiconductors LPC1765 Datasheet HTML 9Page - NXP Semiconductors LPC1765 Datasheet HTML 10Page - NXP Semiconductors LPC1765 Datasheet HTML 11Page - NXP Semiconductors LPC1765 Datasheet HTML 12Page - NXP Semiconductors LPC1765 Datasheet HTML 13Page - NXP Semiconductors LPC1765 Datasheet HTML 14Page - NXP Semiconductors LPC1765 Datasheet HTML 15Page - NXP Semiconductors LPC1765 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 66 page
background image
LPC1769_68_67_66_65_64_4
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 1 February 2010
12 of 66
NXP Semiconductors
LPC1769/68/67/66/65/64
32-bit ARM Cortex-M3 microcontroller
P2[4]/PWM1[5]/
DSR1/
TRACEDATA[1]
69[1]
I/O
P2[4] — General purpose digital input/output pin.
O
PWM1[5] — Pulse Width Modulator 1, channel 5 output.
I
DSR1 — Data Set Ready input for UART1.
O
TRACEDATA[1] — Trace data, bit 1.
P2[5]/PWM1[6]/
DTR1/
TRACEDATA[0]
68[1]
I/O
P2[5] — General purpose digital input/output pin.
O
PWM1[6] — Pulse Width Modulator 1, channel 6 output.
O
DTR1 — Data Terminal Ready output for UART1. Can also be configured to be an
RS-485/EIA-485 output enable signal.
O
TRACEDATA[0] — Trace data, bit 0.
P2[6]/PCAP1[0]/
RI1/TRACECLK
67[1]
I/O
P2[6] — General purpose digital input/output pin.
I
PCAP1[0] — Capture input for PWM1, channel 0.
I
RI1 — Ring Indicator input for UART1.
O
TRACECLK — Trace Clock.
P2[7]/RD2/
RTS1
66[1]
I/O
P2[7] — General purpose digital input/output pin.
I
RD2 — CAN2 receiver input. (LPC1769/68/66/65/64 only).
O
RTS1 — Request to Send output for UART1. Can also be configured to be an
RS-485/EIA-485 output enable signal.
P2[8]/TD2/
TXD2
65[1]
I/O
P2[8] — General purpose digital input/output pin.
O
TD2 — CAN2 transmitter output. (LPC1769/68/66/65/64 only).
O
TXD2 — Transmitter output for UART2.
P2[9]/
USB_CONNECT/
RXD2
64[1]
I/O
P2[9] — General purpose digital input/output pin.
O
USB_CONNECT — Signal used to switch an external 1.5 k
Ω resistor under
software control. Used with the SoftConnect USB feature. (LPC1769/68/66/65/64
only).
I
RXD2 — Receiver input for UART2.
P2[10]/EINT0/NMI
53[6]
I/O
P2[10] — General purpose digital input/output pin.
Note: LOW on this pin while RESET is LOW forces on-chip bootloader to take
over control of the part after a reset.
I
EINT0 — External interrupt 0 input.
I
NMI — Non-maskable interrupt input.
P2[11]/EINT1/
I2STX_CLK
52[6]
I/O
P2[11] — General purpose digital input/output pin.
I
EINT1 — External interrupt 1 input.
I/O
I2STX_CLK — Transmit Clock. It is driven by the master and received by the
slave. Corresponds to the signal SCK in the I2S-bus specification.
(LPC1769/68/67/66/65 only).
P2[12]/EINT2/
I2STX_WS
51[6]
I/O
P2[12] — General purpose digital input/output pin.
I
EINT2 — External interrupt 2 input.
I/O
I2STX_WS — Transmit Word Select. It is driven by the master and received by the
slave. Corresponds to the signal WS in the I2S-bus specification.
(LPC1769/68/67/66/65 only).
Table 3.
Pin description …continued
Symbol
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com