Electronic Components Datasheet Search
  English  ▼

X  

LPC1765 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # LPC1765
Description  32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1765 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button LPC1765 Datasheet HTML 10Page - NXP Semiconductors LPC1765 Datasheet HTML 11Page - NXP Semiconductors LPC1765 Datasheet HTML 12Page - NXP Semiconductors LPC1765 Datasheet HTML 13Page - NXP Semiconductors LPC1765 Datasheet HTML 14Page - NXP Semiconductors LPC1765 Datasheet HTML 15Page - NXP Semiconductors LPC1765 Datasheet HTML 16Page - NXP Semiconductors LPC1765 Datasheet HTML 17Page - NXP Semiconductors LPC1765 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 66 page
background image
LPC1769_68_67_66_65_64_4
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 1 February 2010
14 of 66
NXP Semiconductors
LPC1769/68/67/66/65/64
32-bit ARM Cortex-M3 microcontroller
[1]
5 V tolerant pad providing digital I/O functions with TTL levels and hysteresis.
[2]
5 V tolerant pad providing digital I/O functions (with TTL levels and hysteresis) and analog input. When configured as a ADC input,
digital section of the pad is disabled and the pin is not 5 V tolerant.
[3]
5 V tolerant pad providing digital I/O with TTL levels and hysteresis and analog output function. When configured as the DAC output,
digital section of the pad is disabled.
[4]
Open-drain 5 V tolerant digital I/O pad, compatible with I2C-bus 400 kHz specification. This pad requires an external pull-up to provide
output functionality. When power is switched off, this pin connected to the I2C-bus is floating and does not disturb the I2C lines.
Open-drain configuration applies to all functions on this pin.
[5]
Pad provides digital I/O and USB functions. It is designed in accordance with the USB specification, revision 2.0 (Full-speed and
Low-speed mode only).
[6]
5 V tolerant pad with 5 ns glitch filter providing digital I/O functions with TTL levels and hysteresis.
[7]
5 V tolerant pad with 20 ns glitch filter providing digital I/O function with TTL levels and hysteresis.
[8]
Pad provides special analog functionality.
[9]
When the system oscillator is not used, connect XTAL1 and XTAL2 as follows: XTAL1 can be left floating or can be grounded (grounding
is preferred to reduce susceptibility to noise). XTAL2 should be left floating.
RTCX2
18[8]
O
Output from the RTC oscillator circuit.
VSS
31, 41,
55, 72,
97, 83[8]
I
ground: 0 V reference.
VSSA
11[8]
I
analog ground: 0 V reference. This should nominally be the same voltage as VSS,
but should be isolated to minimize noise and error.
VDD(3V3)
28, 54,
71, 96[8]
I
3.3 V supply voltage: This is the power supply voltage for the I/O ports.
VDD(REG)(3V3)
42, 84[8]
I
3.3 V voltage regulator supply voltage: This is the supply voltage for the on-chip
voltage regulator only.
VDDA
10[8]
I
analog 3.3 V pad supply voltage: This should be nominally the same voltage as
VDD(3V3) but should be isolated to minimize noise and error. This voltage is used to
power the ADC and DAC. This pin should be tied to 3.3 V if the ADC and DAC are
not used.
VREFP
12[8]
I
ADC positive reference voltage: This should be nominally the same voltage as
VDDA but should be isolated to minimize noise and error. Level on this pin is used
as a reference for ADC and DAC. This pin should be tied to 3.3 V if the ADC and
DAC are not used.
VREFN
15
I
ADC negative reference voltage: This should be nominally the same voltage as
VSS but should be isolated to minimize noise and error. Level on this pin is used as
a reference for ADC and DAC.
VBAT
19[8]
I
RTC pin power supply: 3.3 V on this pin supplies the power to the RTC
peripheral.
n.c.
13
-
not connected.
Table 3.
Pin description …continued
Symbol
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com