Electronic Components Datasheet Search
  English  ▼

X  

LPC1765 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # LPC1765
Description  32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1765 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button LPC1765 Datasheet HTML 31Page - NXP Semiconductors LPC1765 Datasheet HTML 32Page - NXP Semiconductors LPC1765 Datasheet HTML 33Page - NXP Semiconductors LPC1765 Datasheet HTML 34Page - NXP Semiconductors LPC1765 Datasheet HTML 35Page - NXP Semiconductors LPC1765 Datasheet HTML 36Page - NXP Semiconductors LPC1765 Datasheet HTML 37Page - NXP Semiconductors LPC1765 Datasheet HTML 38Page - NXP Semiconductors LPC1765 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 66 page
background image
LPC1769_68_67_66_65_64_4
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 1 February 2010
35 of 66
NXP Semiconductors
LPC1769/68/67/66/65/64
32-bit ARM Cortex-M3 microcontroller
7.29.8 Power domains
The LPC17xx provide two independent power domains that allow the bulk of the device to
have power removed while maintaining operation of the RTC and the backup Registers.
On the LPC17xx, I/O pads are powered by the 3.3 V (VDD(3V3)) pins, while the
VDD(REG)(3V3) pin powers the on-chip voltage regulator which in turn provides power to the
CPU and most of the peripherals.
Depending on the LPC17xx application, a design can use two power options to manage
power consumption.
The first option assumes that power consumption is not a concern and the design ties the
VDD(3V3) and VDD(REG)(3V3) pins together. This approach requires only one 3.3 V power
supply for both pads, the CPU, and peripherals. While this solution is simple, it does not
support powering down the I/O pad ring “on the fly” while keeping the CPU and
peripherals alive.
The second option uses two power supplies; a 3.3 V supply for the I/O pads (VDD(3V3)) and
a dedicated 3.3 V supply for the CPU (VDD(REG)(3V3)). Having the on-chip voltage regulator
powered independently from the I/O pad ring enables shutting down of the I/O pad power
supply “on the fly”, while the CPU and peripherals stay active.
The VBAT pin supplies power only to the RTC domain. The RTC requires a minimum of
power to operate, which can be supplied by an external battery. The device core power
(VDD(REG)(3V3)) is used to operate the RTC whenever VDD(REG)(3V3) is present. Therefore,
there is no power drain from the RTC battery when VDD(REG)(3V3) is available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com