Electronic Components Datasheet Search
  English  ▼

X  

LPC1765 Datasheet(PDF) 48 Page - NXP Semiconductors

Part # LPC1765
Description  32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1765 Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button LPC1765 Datasheet HTML 44Page - NXP Semiconductors LPC1765 Datasheet HTML 45Page - NXP Semiconductors LPC1765 Datasheet HTML 46Page - NXP Semiconductors LPC1765 Datasheet HTML 47Page - NXP Semiconductors LPC1765 Datasheet HTML 48Page - NXP Semiconductors LPC1765 Datasheet HTML 49Page - NXP Semiconductors LPC1765 Datasheet HTML 50Page - NXP Semiconductors LPC1765 Datasheet HTML 51Page - NXP Semiconductors LPC1765 Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 66 page
background image
LPC1769_68_67_66_65_64_4
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 1 February 2010
48 of 66
NXP Semiconductors
LPC1769/68/67/66/65/64
32-bit ARM Cortex-M3 microcontroller
11.5 I2C-bus
[1]
Parameters are valid over operating temperature range unless otherwise specified.
[2]
CCLK = PCLK = 20 MHz; I2C-bus interface configured in master mode.
[3]
Bus capacitance Cb in pF (50 pF), external pull-up resistance = 218 Ω.
11.6 I2S-bus interface (LPC1769/68/67/66/65 only)
[1]
CCLK = 20 MHz; peripheral clock to the I2S-bus interface PCLK = CCLK
⁄
4; I
2S clock cycle time Tcy(clk) = 1600 ns, corresponds to the SCK
signal in the I2S-bus specification.
Table 11.
Dynamic characteristic: I2C-bus pins (Fast-mode Plus)
Tamb = −40 °C to +85 °C; VDD(3V3) over specified ranges.[1][2][3]
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fSCL
SCL clock frequency
-
-
1
MHz
tf
fall time
-
-
45
ns
tSU;DAT
data set-up time
-
50
-
-
ns
Fig 12. I2C-bus pins clock timing
P
S
002aae860
tSU;DAT
tf
SDA
SCL
Table 12.
Dynamic characteristics: I2S-bus interface pins
Tamb = −40 °C to +85 °C.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
common to input and output
tr
rise time
[1]
-
-
35
ns
tf
fall time
[1]
-
-
35
ns
tWH
pulse width HIGH
on pins I2STX_CLK and
I2SRX_CLK
[1]
0.495
× T
cy(clk)
-
-
-
tWL
pulse width LOW
on pins I2STX_CLK and
I2SRX_CLK
[1]
-
-
0.505
× T
cy(clk)
ns
output
tv(Q)
data output valid time
on pin I2STX_SDA;
[1]
-
-
30
ns
on pin I2STX_WS
[1]
-
-
30
ns
input
tsu(D)
data input set-up time
on pin I2SRX_SDA
[1]
3.5
-
-
ns
th(D)
data input hold time
on pin I2SRX_SDA
[1]
4.0
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com