Electronic Components Datasheet Search
  English  ▼

X  

LPC1765 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # LPC1765
Description  32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1765 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button LPC1765 Datasheet HTML 2Page - NXP Semiconductors LPC1765 Datasheet HTML 3Page - NXP Semiconductors LPC1765 Datasheet HTML 4Page - NXP Semiconductors LPC1765 Datasheet HTML 5Page - NXP Semiconductors LPC1765 Datasheet HTML 6Page - NXP Semiconductors LPC1765 Datasheet HTML 7Page - NXP Semiconductors LPC1765 Datasheet HTML 8Page - NXP Semiconductors LPC1765 Datasheet HTML 9Page - NXP Semiconductors LPC1765 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 66 page
background image
LPC1769_68_67_66_65_64_4
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 1 February 2010
6 of 66
NXP Semiconductors
LPC1769/68/67/66/65/64
32-bit ARM Cortex-M3 microcontroller
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 2.
Pin configuration LQFP100 package
LPC176xFBD100
75
51
1
25
002aad945
Table 3.
Pin description
Symbol
Pin
Type
Description
P0[0] to P0[31]
I/O
Port 0: Port 0 is a 32-bit I/O port with individual direction controls for each bit. The
operation of port 0 pins depends upon the pin function selected via the pin connect
block. Pins 12, 13, 14, and 31 of this port are not available.
P0[0]/RD1/TXD3/
SDA1
46[1]
I/O
P0[0] — General purpose digital input/output pin.
I
RD1 — CAN1 receiver input. (LPC1769/68/66/65/64 only).
O
TXD3 — Transmitter output for UART3.
I/O
SDA1 — I2C1 data input/output. (This is not an I2C-bus compliant open-drain pin).
P0[1]/TD1/RXD3/
SCL1
47[1]
I/O
P0[1] — General purpose digital input/output pin.
O
TD1 — CAN1 transmitter output. (LPC1769/68/66/65/64 only).
I
RXD3 — Receiver input for UART3.
I/O
SCL1 — I2C1 clock input/output. (This is not an I2C-bus compliant open-drain pin).
P0[2]/TXD0/AD0[7] 98[2]
I/O
P0[2] — General purpose digital input/output pin.
O
TXD0 — Transmitter output for UART0.
I
AD0[7] — A/D converter 0, input 7.
P0[3]/RXD0/AD0[6] 99[2]
I/O
P0[3] — General purpose digital input/output pin.
I
RXD0 — Receiver input for UART0.
I
AD0[6] — A/D converter 0, input 6.
P0[4]/
I2SRX_CLK/
RD2/CAP2[0]
81[1]
I/O
P0[4] — General purpose digital input/output pin.
I/O
I2SRX_CLK — Receive Clock. It is driven by the master and received by the
slave. Corresponds to the signal SCK in the I2S-bus specification.
(LPC1769/68/67/66/65 only).
I
RD2 — CAN2 receiver input. (LPC1769/68/66/65/64 only).
I
CAP2[0] — Capture input for Timer 2, channel 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com