Electronic Components Datasheet Search
  English  ▼

X  

LPC1765 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # LPC1765
Description  32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1765 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button LPC1765 Datasheet HTML 7Page - NXP Semiconductors LPC1765 Datasheet HTML 8Page - NXP Semiconductors LPC1765 Datasheet HTML 9Page - NXP Semiconductors LPC1765 Datasheet HTML 10Page - NXP Semiconductors LPC1765 Datasheet HTML 11Page - NXP Semiconductors LPC1765 Datasheet HTML 12Page - NXP Semiconductors LPC1765 Datasheet HTML 13Page - NXP Semiconductors LPC1765 Datasheet HTML 14Page - NXP Semiconductors LPC1765 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 66 page
background image
LPC1769_68_67_66_65_64_4
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 1 February 2010
11 of 66
NXP Semiconductors
LPC1769/68/67/66/65/64
32-bit ARM Cortex-M3 microcontroller
P1[26]/MCOB1/
PWM1[6]/CAP0[0]
40[1]
I/O
P1[26] — General purpose digital input/output pin.
O
MCOB1 — Motor control PWM channel 1, output B.
O
PWM1[6] — Pulse Width Modulator 1, channel 6 output.
I
CAP0[0] — Capture input for Timer 0, channel 0.
P1[27]/CLKOUT
/USB_OVRCR/
CAP0[1]
43[1]
I/O
P1[27] — General purpose digital input/output pin.
O
CLKOUT — Clock output pin.
I
USB_OVRCR — USB port Over-Current status. (LPC1769/68/66/65 only).
I
CAP0[1] — Capture input for Timer 0, channel 1.
P1[28]/MCOA2/
PCAP1[0]/
MAT0[0]
44[1]
I/O
P1[28] — General purpose digital input/output pin.
O
MCOA2 — Motor control PWM channel 2, output A.
I
PCAP1[0] — Capture input for PWM1, channel 0.
O
MAT0[0] — Match output for Timer 0, channel 0.
P1[29]/MCOB2/
PCAP1[1]/
MAT0[1]
45[1]
I/O
P1[29] — General purpose digital input/output pin.
O
MCOB2 — Motor control PWM channel 2, output B.
I
PCAP1[1] — Capture input for PWM1, channel 1.
O
MAT0[1] — Match output for Timer 0, channel 1.
P1[30]/VBUS/
AD0[4]
21[2]
I/O
P1[30] — General purpose digital input/output pin.
I
VBUS — Monitors the presence of USB bus power. (LPC1769/68/66/65/64 only).
Note: This signal must be HIGH for USB reset to occur.
I
AD0[4] — A/D converter 0, input 4.
P1[31]/SCK1/
AD0[5]
20[2]
I/O
P1[31] — General purpose digital input/output pin.
I/O
SCK1 — Serial Clock for SSP1.
I
AD0[5] — A/D converter 0, input 5.
P2[0] to P2[31]
I/O
Port 2: Port 2 is a 32-bit I/O port with individual direction controls for each bit. The
operation of port 2 pins depends upon the pin function selected via the pin connect
block. Pins 14 through 31 of this port are not available.
P2[0]/PWM1[1]/
TXD1
75[1]
I/O
P2[0] — General purpose digital input/output pin.
O
PWM1[1] — Pulse Width Modulator 1, channel 1 output.
O
TXD1 — Transmitter output for UART1.
P2[1]/PWM1[2]/
RXD1
74[1]
I/O
P2[1] — General purpose digital input/output pin.
O
PWM1[2] — Pulse Width Modulator 1, channel 2 output.
I
RXD1 — Receiver input for UART1.
P2[2]/PWM1[3]/
CTS1/
TRACEDATA[3]
73[1]
I/O
P2[2] — General purpose digital input/output pin.
O
PWM1[3] — Pulse Width Modulator 1, channel 3 output.
I
CTS1 — Clear to Send input for UART1.
O
TRACEDATA[3] — Trace data, bit 3.
P2[3]/PWM1[4]/
DCD1/
TRACEDATA[2]
70[1]
I/O
P2[3] — General purpose digital input/output pin.
O
PWM1[4] — Pulse Width Modulator 1, channel 4 output.
I
DCD1 — Data Carrier Detect input for UART1.
O
TRACEDATA[2] — Trace data, bit 2.
Table 3.
Pin description …continued
Symbol
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com