Electronic Components Datasheet Search
  English  ▼

X  

LPC1765 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # LPC1765
Description  32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1765 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button LPC1765 Datasheet HTML 11Page - NXP Semiconductors LPC1765 Datasheet HTML 12Page - NXP Semiconductors LPC1765 Datasheet HTML 13Page - NXP Semiconductors LPC1765 Datasheet HTML 14Page - NXP Semiconductors LPC1765 Datasheet HTML 15Page - NXP Semiconductors LPC1765 Datasheet HTML 16Page - NXP Semiconductors LPC1765 Datasheet HTML 17Page - NXP Semiconductors LPC1765 Datasheet HTML 18Page - NXP Semiconductors LPC1765 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 66 page
background image
LPC1769_68_67_66_65_64_4
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 1 February 2010
15 of 66
NXP Semiconductors
LPC1769/68/67/66/65/64
32-bit ARM Cortex-M3 microcontroller
7.
Functional description
7.1 Architectural overview
Remark: In the following, the notation LPC17xx refers to all parts:
LPC1769/68/67/66/65/64.
The ARM Cortex-M3 includes three AHB-Lite buses: the system bus, the I-code bus, and
the D-code bus (see Figure 1). The I-code and D-code core buses are faster than the
system bus and are used similarly to TCM interfaces: one bus dedicated for instruction
fetch (I-code) and one bus for data access (D-code). The use of two core buses allows for
simultaneous operations if concurrent operations target different devices.
The LPC17xx use a multi-layer AHB matrix to connect the ARM Cortex-M3 buses and
other bus masters to peripherals in a flexible manner that optimizes performance by
allowing peripherals that are on different slaves ports of the matrix to be accessed
simultaneously by different bus masters.
7.2 ARM Cortex-M3 processor
The ARM Cortex-M3 is a general purpose, 32-bit microprocessor, which offers high
performance and very low power consumption. The ARM Cortex-M3 offers many new
features, including a Thumb-2 instruction set, low interrupt latency, hardware divide,
interruptible/continuable multiple load and store instructions, automatic state save and
restore for interrupts, tightly integrated interrupt controller with wake-up interrupt
controller, and multiple core buses capable of simultaneous accesses.
Pipeline techniques are employed so that all parts of the processing and memory systems
can operate continuously. Typically, while one instruction is being executed, its successor
is being decoded, and a third instruction is being fetched from memory.
The ARM Cortex-M3 processor is described in detail in the Cortex-M3 Technical
Reference Manual that can be found on official ARM website.
7.3 On-chip flash program memory
The LPC17xx contain up to 512 kB of on-chip flash memory. A new two-port flash
accelerator maximizes performance for use with the two fast AHB-Lite buses.
7.4 On-chip SRAM
The LPC17xx contain a total of 64 kB on-chip static RAM memory. This includes the main
32 kB SRAM, accessible by the CPU and DMA controller on a higher-speed bus, and two
additional 16 kB each SRAM blocks situated on a separate slave port on the AHB
multilayer matrix.
This architecture allows CPU and DMA accesses to be spread over three separate RAMs
that can be accessed simultaneously.
7.5 Memory Protection Unit (MPU)
The LPC17xx have a Memory Protection Unit (MPU) which can be used to improve the
reliability of an embedded system by protecting critical data within the user application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com