Electronic Components Datasheet Search
  English  ▼

X  

CDB4207 Datasheet(PDF) 49 Page - Cirrus Logic

Part # CDB4207
Description  Low-power, 4-in / 6-out HD Audio CODEC with Headphone Amp
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4207 Datasheet(HTML) 49 Page - Cirrus Logic

Back Button CDB4207 Datasheet HTML 45Page - Cirrus Logic CDB4207 Datasheet HTML 46Page - Cirrus Logic CDB4207 Datasheet HTML 47Page - Cirrus Logic CDB4207 Datasheet HTML 48Page - Cirrus Logic CDB4207 Datasheet HTML 49Page - Cirrus Logic CDB4207 Datasheet HTML 50Page - Cirrus Logic CDB4207 Datasheet HTML 51Page - Cirrus Logic CDB4207 Datasheet HTML 52Page - Cirrus Logic CDB4207 Datasheet HTML 53Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 144 page
background image
DS880F1
49
CS4207
Bits [15:0] must be programmed with the same value programmed into the Stream Descriptor, so that the
data format being transmitted on the link matches what is expected by the consumer of the data.
If the TYPE is set to Non-PCM, the controller pushes data over the link and is not concerned with format-
ting. The base rate, data type, and number of Words (MULT) to send each valid frame are specified to
control the rate at which the non-PCM data is sent.
Bits
Type
Default
Description
31:16
Read Only
0000h
Reserved
15
Read/Write
0b
Stream Type (TYPE):
If TYPE is non-zero, the
other bits in the format structure have other
meanings.
0: PCM
1: Non-PCM
14
Read/Write
0b
Sample Base Rate (BASE):
0 = 48 kHz
1 = 44.1 kHz
13:11
Read/Write
000b
Sample Base Rate Multiple (MULT):
000 = 48 kHz/44.1 kHz or less
001 = x2 (96 kHz, 88.2 kHz, 32 kHz)
010 = x3 (144 kHz)
011 = x4 (192 kHz, 176.4 kHz)
100-111 = Reserved
10:8
Read/Write
000b
Sample Base Rate Divisor (DIV):
000 = Divide by 1 (48 kHz, 44.1 kHz)
001 = Divide by 2 (24 kHz, 22.05 kHz)
010 = Divide by 3 (16 kHz, 32 kHz)
011 = Divide by 4 (11.025 kHz)
100 = Divide by 5 (9.6 kHz)
101 = Divide by 6 (8 kHz)
110 = Divide by 7
111 = Divide by 8 (6 kHz)
7
Read Only
0b
Reserved
6:4
Read/Write
000b
Bits per Sample (BITS):
Bits in each sample:
000 = 8 bits. The data will be packed in memory
in 8-bit containers on 16-bit boundaries.
001 = 16 bits. The data will be packed in memory
in 16-bit containers on 16-bit boundaries.
010 = 20 bits. The data will be packed in memory
in 32-bit containers on 32-bit boundaries.
011 = 24 bits. The data will be packed in memory
in 32-bit containers on 32-bit boundaries.
100 = 32 bits. The data will be packed in memory
in 32-bit containers on 32-bit boundaries.
101-111 = Reserved
3:0
Read/Write
0000b
Number of Channels (CHAN):
Number of chan-
nels in each frame of the stream:
0000 = 1
0001 = 2
…
1111 = 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com