Electronic Components Datasheet Search
  English  ▼

X  

CDB4207 Datasheet(PDF) 91 Page - Cirrus Logic

Part # CDB4207
Description  Low-power, 4-in / 6-out HD Audio CODEC with Headphone Amp
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4207 Datasheet(HTML) 91 Page - Cirrus Logic

Back Button CDB4207 Datasheet HTML 87Page - Cirrus Logic CDB4207 Datasheet HTML 88Page - Cirrus Logic CDB4207 Datasheet HTML 89Page - Cirrus Logic CDB4207 Datasheet HTML 90Page - Cirrus Logic CDB4207 Datasheet HTML 91Page - Cirrus Logic CDB4207 Datasheet HTML 92Page - Cirrus Logic CDB4207 Datasheet HTML 93Page - Cirrus Logic CDB4207 Datasheet HTML 94Page - Cirrus Logic CDB4207 Datasheet HTML 95Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 144 page
background image
DS880F1
91
CS4207
6.10
Line Out 2 Pin Widget (Node ID = 0Bh)
6.10.1
Audio Widget Capabilities
Get Parameter Command Format:
Response Format:
Bits [31:28]
Bits [27:20]
Bits [19:8]
Bits [7:0]
CAd = X
Node ID = 0Bh
Verb ID = F00h
Parameter ID = 09h
Bits
Type
Default
Description
31:24
Read Only
00h
Reserved
23:20
Read Only
4h
Type (TYP):
Pin Complex Widget
19:16
Read Only
1h
Delay (DLY):
Number of sample delays through
the widget.
15:12
Read Only
0h
Reserved
11
Read Only
0b
L-R Swap (LRS):
This widget is not capable of
swapping the left and right channels.
10
Read Only
0b
Power Control (PC):
Power State control is not
supported on this widget.
9
Read Only
0b
Digital (DIG):
Widget is not a digital widget.
8
Read Only
1b
Connection List (CL):
A connection list is
present on this widget.
7
Read Only
0b
Unsolicited Capable (UC):
Unsolicited
Response is not supported on this widget.
6
Read Only
0b
Processing Widget (PW):
This widget does not
contain “Processing Controls” parameters.
5
Read Only
0b
Stripe (STRP):
Stripping is not supported.
4
Read Only
0b
Format Override (FO):
This widget does not
contain format information.
3
Read Only
0b
Amplifier Parameter Override (APO):
This wid-
get does not contain amplifier parameters.
2
Read Only
0b
Output Amplifier Present (OAP):
Output ampli-
fier is not present for this widget.
1
Read Only
0b
Input Amplifier Present (IAP):
Input amplifier is
not present for this widget.
0
Read Only
1b
Stereo (ST):
A 1 indicates a stereo widget.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com