Electronic Components Datasheet Search
  English  ▼

X  

CDB4207 Datasheet(PDF) 40 Page - Cirrus Logic

Part # CDB4207
Description  Low-power, 4-in / 6-out HD Audio CODEC with Headphone Amp
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4207 Datasheet(HTML) 40 Page - Cirrus Logic

Back Button CDB4207 Datasheet HTML 36Page - Cirrus Logic CDB4207 Datasheet HTML 37Page - Cirrus Logic CDB4207 Datasheet HTML 38Page - Cirrus Logic CDB4207 Datasheet HTML 39Page - Cirrus Logic CDB4207 Datasheet HTML 40Page - Cirrus Logic CDB4207 Datasheet HTML 41Page - Cirrus Logic CDB4207 Datasheet HTML 42Page - Cirrus Logic CDB4207 Datasheet HTML 43Page - Cirrus Logic CDB4207 Datasheet HTML 44Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 144 page
background image
40
DS880F1
CS4207
6.3.8
Power States
Get Parameter Command Format:
Set Parameter Command Format:
Response Format:
Bits [31:28]
Bits [27:20]
Bits [19:8]
Bits [7:0]
CAd = X
Node ID = 01h
Verb ID = F05h
Parameter ID = 00h
Bits [31:28]
Bits [27:20]
Bits [19:8]
Bits [7:0]
CAd = X
Node ID = 01h
Verb ID = 705h
Parameter ID = 0xh
Bits
Type
Default
Description
31:11
Read Only
00000h
Reserved
10
Read Only
1b
Power State Settings Reset (PS-SettingsRe-
set):
This bit is set to ‘1’b when, during any type
of reset or low power state transition, the settings
that were changed from the defaults, either by
software or hardware, have been reset back to
their default state. When these settings have not
been reset, this is reported as ‘0’b. This bit is
always a ‘1’b following a POR condition.
For
more information, see “Power State Set-
tings Reset (PS-SettingsReset)” on p 27.
9
Read Only
1b
Power State Clock Stop OK (PS-ClkStopOK):
This bit is set to a ‘1’b when the codec is capable
of continuing proper operation even when the
HD Audio Bus BITCLK has been stopped. This
bit is valid for the Audio Function Group node
and not the device widgets.
8
Read Only
0b
Power State Error (PS-Error):
This bit is not
supported and will always return ‘0’b when read.
The power state requested by software will
always be possible following a reasonable
time required to execute the power state
transition. There are no dependencies
unknown to software between nodes that
would inhibit transitioning to the requested
power state.
7:4
Read Only
0011b
Power State Actual (PS-Act):
This field indi-
cates the actual power state of the referenced
node. The default state is D3.
3:0
Read/Write
0011b
Power State Set (PS-Set):
Writes to these bits
set the Audio Function Group to the Power State
as described below:
PSS = ’0000’b; D0 - Fully on.
PSS = ‘0001’b; D1 - Not Supported
PSS = ‘0010’b; D2 - Not Supported
PSS = ‘0011’b; D3 - Allows for lowest possible
power consumption under software control. See
“D3 Lower Power State Support” on page 25 for
more information.
PSS = ‘0100’b; D4 - Not Supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com